Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 11 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 11 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Document Number: 28124
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
211
MMKP 383
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (1600 VDC)
URdc = 1600 V; URac = 550 V/Up-p = 1600 V (standard)
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
≤ 0.015 µF
≤5 × 10−4
≤15 × 10−4
0.015
µF < C ≤ 0.15 µF
≤5 × 10−4
≤20 × 10−4
Rated voltage pulse slope (dU/dt)R:
P
= 15.0 mm and 7.5 mm (bent back), for C ≤ 0.0056 µF
8000 V/
µs
P
= 15.0 mm and 7.5 mm (bent back), for 0.0056 µF < C ≤ 0.015 µF
15000 V/
µs
P
= 22.5 mm
3100 V/
µs
P
= 27.5 mm, for 0.039 µF < C ≤ 0.1 µF
1800 V/
µs
P
= 27.5 mm; for 0.1 µF < C ≤ 0.15 µF
1200 V/
µs
R between leads, for C
≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 20 pC peak discharge
>660 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
2560 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 15.0 mm pitch = 7.5 mm (bent back)
0.0027
5.0
× 11.0 (13.0) × 17.5
1.2
50272
1250
1000
1100
53272
950
550
0.003
50302
53302
0.0033
50332
53332
0.0036
50362
53362
0.0039
50392
53392
0.0043
6.0
× 12.0 (14.0) × 17.5
1.5
50432
1000
1000
900
53432
800
450
0.0047
50472
53472
0.0051
50512
53512
0.0056
50562
53562
0.0062
7.0
× 13.5 (15.5) × 17.5
2.0
50622
750
500
800
53622
700
400
0.0068
50682
53682
0.0075
50752
53752
0.0082
8.5
× 15.0 (17.0) × 17.5
2.7
50822
750
500
650
53822
550
300
0.0091
50912
53912
0.01
50103
53103
0.011
50113
53113
0.012
10.0
× 16.5 (18.5) × 17.5
3.3
50123
500
450
600
53123
500
250
0.013
50133
53133
0.015
50153
53153
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 22.5 mm pitch = 7.5 mm (bent back)
0.016
7.0
× 16.5 × 26.0
3.5
50163
200
250
550
0.018
50183
0.02
50203


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn