Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 10 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 10 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28124
210
Revision: 28-Feb-05
MMKP 383
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
URdc = 1400 V; URac = 500 V/Up-p = 1400 V (hot asphalt encapsulation)
0.022
8.5
× 18.0 × 26.0
4.8
40223
200
250
450
0.024
40243
0.027
40273
0.03
10.0
× 19.5 × 26.0
6.0
40303
200
200
350
0.033
40333
0.036
40363
0.039
40393
Pitch
= 27.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 27.5 mm pitch = 7.5 mm (bent back)
0.043
11.0
× 21.0 × 31.0
8.4
40433
100
125
0.047
40473
0.051
40513
0.056
40563
0.062
13.0
× 23.0 × 31.0
11.0
40623
100
125
0.068
40683
0.075
40753
0.082
15.0
× 25.0 × 31.0
13.6
40823
100
125
0.091
40913
0.1
40104
0.11
18.0
× 28.0 × 31.0
11.0
40114
100
100
0.12
40124
0.13
40134
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
REEL;
∅ 356 mm
C-tol
=±5%
last 5 digits of catalog number
SPQ
Pitch
= 15.0 ±0.4 mm; (Pitch = 7.5 ±0.4 mm for bent back leads); d
t = 0.80 ±0.08 mm
0.0022
6.0
× 12.0 (14.0) × 17.5
1.5
46222
450
0.0024
46242
0.0027
46272
0.003
46302
0.0033
46332
0.0036
46362
0.0039
46392
0.0043
7.0
× 13.5 (15.5) × 17.5
2.0
46432
400
0.0047
46472
0.0051
46512
0.0056
46562
0.0062
46622
0.0068
46682
0.0075
46752
0.0082
46822
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn