Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 9 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 9 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Document Number: 28124
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
209
MMKP 383
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (1400 VDC)
URdc = 1400 V; URac = 500 V/Up-p = 1400 V (standard)
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
≤ 0.016 µF
≤5 × 10−4
≤10 × 10−4
0.016
µF < C ≤ 0.039 µF
≤5 × 10−4
≤15 × 10−4
0.039
µF < C ≤ 0.13 µF
≤5 × 10−4
≤20 × 10−4
Rated voltage pulse slope (dU/dt)R:
P
= 15.0 mm and 7.5 mm (bent back), for C ≤ 0.0056 µF
8000 V/
µs
P
= 15.0 mm and 7.5 mm (bent back), for 0.0056 µF < C ≤ 0.016 µF
15000 V/
µs
P
= 22.5 mm
4000 V/
µs
P
= 27.5 mm, for 0.039 µF < C ≤ 0.1 µF
2100 V/
µs
P
= 27.5 mm, for 0.1 µF < C ≤ 0.13 µF
1500 V/
µs
R between leads, for C
≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 20 pC peak discharge
>500 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
2250 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 15.0 mm pitch = 7.5 mm (bent back)
0.0022
5.0
× 11.0 (13.0) × 17.5
1.2
40222
1250
1000
1100
43222
950
550
0.0024
40242
43242
0.0027
40272
43272
0.003
40302
43302
0.0033
40332
43332
0.0036
40362
43362
0.0039
40392
43392
0.0043
6.0
× 12.0 (14.0) × 17.5
1.5
40432
1000
1000
900
43432
800
450
0.0047
40472
43472
0.0051
40512
43512
0.0056
40562
43562
0.0062
7.0
× 13.5 (15.5) × 17.5
2.0
40622
750
500
800
43622
700
400
0.0068
40682
43682
0.0075
40752
43752
0.0082
40822
43822
0.0091
8.5
× 15.0 (17.0) × 17.5
2.7
40912
750
500
650
43912
550
300
0.01
40103
43103
0.011
40113
43113
0.012
40123
43123
0.013
10.0
× 16.5 (18.5) × 17.5
3.3
40133
500
450
600
43133
500
250
0.015
40153
43153
0.016
40163
43163
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 22.5 mm pitch = 7.5 mm (bent back)
0.018
7.0
× 16.5 × 26.0
3.5
40183
200
250
550
0.02
40203


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn