Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 8 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 8 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28124
208
Revision: 28-Feb-05
MMKP 383
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
0.036
8.5
× 15.0 (17.0) × 17.5
2.7
30363
750
500
650
33363
550
300
0.039
30393
33393
0.043
30433
33433
0.047
30473
33473
0.051
10.0
× 16.5 (18.5) × 17.5
3.3
30513
500
450
600
33513
500
250
0.056
30563
33563
0.062
30623
33623
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 22.5 mm pitch = 7.5 mm (bent back)
0.068
7.0
× 16.5 × 26.0
3.5
30683
200
250
550
0.075
8.5
× 18.0 × 26.0
4.8
30753
200
250
450
0.082
30823
0.091
30913
0.1
10.0
× 19.5 × 26.0
6.0
30104
200
200
350
0.11
30114
0.12
30124
0.13
30134
Pitch
= 27.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 27.5 mm pitch = 7.5 mm (bent back)
0.15
11.0
× 21.0 × 31.0
8.4
30154
100
125
0.16
30164
0.18
30184
0.2
13.0
× 23.0 × 31.0
11.0
30204
100
125
0.22
30224
0.24
30244
0.27
15.0
× 25.0 × 31.0
13.6
30274
100
125
0.3
30304
0.33
30334
0.36
18.0
× 28.0 × 31.0
18.5
30364
100
100
0.39
30394
0.43
30434
0.47
30474
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn