Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 7 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Document Number: 28124
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
207
MMKP 383
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (1000 VDC)
URdc = 1000 V; URac = 350 V/Up-p = 1000 V
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
≤ 0.062 µF
≤5 × 10−4
≤15 × 10−4
0.062
µF < C ≤ 0.13 µF
≤6 × 10−4
≤20 × 10−4
0.13
µF < C ≤ 0.22 µF
≤8 × 10−4
≤25 × 10−4
0.22
µF < C ≤ 0.33 µF
≤8 × 10−4
≤30 × 10−4
0.33
µF < C ≤ 0.47 µF
≤8 × 10−4
≤35 × 10−4
Rated voltage pulse slope (dU/dt)R:
P
= 15.0 mm and 7.5 mm (bent back), C ≤ 0.024 µF
1700 V/
µs
P
= 15.0 mm and 7.5 mm (bent back), 0.024 µF < C ≤ 0.062 µF
3300 V/
µs
P
= 22.5 mm
1200 V/
µs
P
= 27.5 mm, for 0.13 µF < C ≤ 0.33 µF
700 V/
µs
P
= 27.5 mm, for 0.33 µF < C ≤ 0.47 µF
470 V/
µs
R between leads, for C
≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 50 pC peak discharge
>440 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
1600 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 15.0 mm pitch = 7.5 mm (bent back)
0.0043
5.0
× 11.0 (13.0) × 17.5
1.2
30432
1250
1000
1100
33432
950
550
0.0047
30472
33472
0.0051
30512
33512
0.0056
30562
33562
0.0062
30622
33622
0.0068
30682
33682
0.0075
30752
33752
0.0082
30822
33822
0.0091
30912
33912
0.010
30103
33103
0.011
30113
33113
0.012
30123
33123
0.013
30133
33133
0.015
30153
33153
0.016
30163
33163
0.018
6.0
× 12.0 (14.0) × 17.5
1.5
30183
1000
1000
900
33183
800
450
0.02
30203
33203
0.022
30223
33223
0.024
30243
33243
0.027
7.0
× 13.5 (15.5) × 17.5
2.0
30273
750
500
800
33273
700
400
0.03
30303
33303
0.033
30333
33333


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn