Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMKP383 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MMKP383 Datasheet HTML 2Page - Vishay Siliconix MMKP383 Datasheet HTML 3Page - Vishay Siliconix MMKP383 Datasheet HTML 4Page - Vishay Siliconix MMKP383 Datasheet HTML 5Page - Vishay Siliconix MMKP383 Datasheet HTML 6Page - Vishay Siliconix MMKP383 Datasheet HTML 7Page - Vishay Siliconix MMKP383 Datasheet HTML 8Page - Vishay Siliconix MMKP383 Datasheet HTML 9Page - Vishay Siliconix MMKP383 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28124
206
Revision: 28-Feb-05
MMKP 383
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
URdc = 630 V; URac = 220 V/Up-p = 630 V
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 15.0 mm pitch = 7.5 mm (bent back)
0.03
5.0
× 11.0 (13.0) × 17.5
1.2
20303
1250
1000
1100
23303
950
550
0.033
20333
23333
0.036
20363
23363
0.039
6.0
× 12.0 (14.0) × 17.5
1.5
20393
1000
1000
900
23393
800
450
0.043
20433
23433
0.047
20473
23473
0.051
20513
23513
0.056
20563
23563
0.062
7.0
× 13.5 (15.5) × 17.5
2.0
20623
750
500
800
23623
700
400
0.068
20683
23683
0.075
20753
23753
0.082
8.5
× 15.0 (17.0) × 17.5
2.7
20823
750
500
650
23823
550
300
0.091
20913
23913
0.1
20104
23104
0.11
20114
23114
0.12
10.0
× 16.5 (18.5) × 17.5
3.3
20124
500
450
600
23124
500
250
0.13
20134
23134
0.15
20154
23154
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 22.5 mm pitch = 7.5 mm (bent back)
0.16
8.5
× 18.0 × 26.0
4.8
20164
200
250
450
0.18
20184
0.2
20204
0.22
20224
0.24
10.0
× 19.5 × 26.0
6.0
20244
200
200
350
0.27
20274
0.3
20304
Pitch
= 27.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 27.5 mm pitch = 7.5 mm (bent back)
0.33
11.0
× 21.0 × 31.0
8.4
20334
100
125
0.36
20364
0.39
20394
0.43
20434
0.47
13.0
× 23.0 × 31.0
11.0
20474
100
125
0.51
20514
0.56
20564
0.62
15.0
× 25.0 × 31.0
13.6
20624
100
125
0.68
20684
0.75
20754
0.82
18.0
× 28.0 × 31.0
18.5
20824
100
100
0.91
20914
1
20105


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn