Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 5 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Document Number: 28124
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
205
MMKP 383
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (630 VDC)
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 22.5 mm pitch = 7.5 mm (bent back)
0.24
7.0
× 16.5 × 26.0
3.5
10244
200
250
550
0.27
8.5
× 18.0 × 26.0
4.8
10274
200
250
450
0.3
10304
0.33
10334
0.36
10.0
× 19.5 × 26.0
6.0
10364
200
200
350
0.39
10394
0.43
10434
Pitch
= 27.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 27.5 mm pitch = 7.5 mm (bent back)
0.47
11.0
× 21.0 × 31.0
8.4
10474
100
125
0.51
10514
0.56
10564
0.62
10624
0.68
13.0
× 23.0 × 31.0
11.0
10684
100
125
0.75
10754
0.82
10824
0.91
15.0
× 25.0 × 31.0
13.6
10914
100
125
1
10105
1.1
10115
1.2
18.0
× 28.0 × 31.0
18.5
10125
100
100
1.3
10135
1.5
10155
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
≤ 0.15 µF
≤5 × 10−4
≤15 × 10−4
0.15
µF < C ≤ 0.22 µF
≤8 × 10−4
≤25 × 10−4
0.22
µF < C ≤ 0.3 µF
≤8 × 10−4
≤30 × 10−4
0.3
µF < C ≤ 0.47 µF
≤10 × 10−4
≤40 × 10−4
0.47
µF < C ≤ 0.68 µF
≤10 × 10−4
≤45 × 10−4
0.68
µF < C ≤ 1.0 µF
≤10 × 10−4
≤50 × 10−4
Rated voltage pulse slope (dU/dt)R:
P
= 15.0 mm and 7.5 mm (bent back), C ≤ 0.056 µF
700 V/
µs
P
= 15.0 mm and 7.5 mm (bent back), 0.056 µF < C ≤ 0.15 µF
1400 V/
µs
P
= 22.5 mm
470 V/
µs
P
= 27.5 mm, for 0.3 µF < C ≤ 0.75 µF
300 V/
µs
P
= 27.5 mm, for 0.75 µF < C ≤ 1 µF
210 V/
µs
R between leads, for C
≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 50 pC peak discharge
>250 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
1000 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn