Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA2260D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMA2260D
Description  1.5g X-Axis Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA2260D Datasheet(HTML) 5 Page - Motorola, Inc

  MMA2260D Datasheet HTML 1Page - Motorola, Inc MMA2260D Datasheet HTML 2Page - Motorola, Inc MMA2260D Datasheet HTML 3Page - Motorola, Inc MMA2260D Datasheet HTML 4Page - Motorola, Inc MMA2260D Datasheet HTML 5Page - Motorola, Inc MMA2260D Datasheet HTML 6Page - Motorola, Inc MMA2260D Datasheet HTML 7Page - Motorola, Inc MMA2260D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Motorola Sensor Device Data
MMA2260D
BASIC CONNECTIONS
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
9
VSS*
VSS*
VSS*
VOUT
STATUS
VDD
VSS
ST
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
Figure 3. Pinout Description
Pin No.
Pin Name
Description
1thru3
VSS*
Redundant connections to the internal
VSS and may be left unconnected.
4
VOUT
Output voltage of the accelerometer.
5
STATUS
Logic output pin used to indicate fault.
6
VDD
The power supply input.
7
VSS
The power supply ground.
8
ST
Logic input pin used to initiate self--
test.
9thru13
Trim pins
Used for factory trim.
Leave unconnected.
14 thru 16
No internal connection.
Leave unconnected.
Figure 4. SOIC Accelerometer with Recommended
Connection Diagram
MMA2260D
ST
VDD
VSS
VOUT
OUTPUT
SIGNAL
R1
1kΩ
4
C2
0.1 µF
8
6
7
LOGIC
INPUT
VDD
C1
0.1 µF
STATUS
5
PCB Layout
P0
A/D IN
VRH
VSS
VDD
ST
VOUT
VSS
VDD
0.1 µF
C
1kΩ
0.1 µF
C 0.1 µF
POWER SUPPLY
C
R
C
0.1 µF
Figure 5. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
P1
STATUS
NOTES:
• Usea0.1 µF capacitor on VDD to decouple the power
source.
• Physical coupling distance of the accelerometer to the mi-
crocontroller should be minimal.
• Place a ground plane beneath the accelerometer to reduce
noise, the ground plane should be attached to all internal
VSS terminals shown in Figure 3.
• UseanRCfilter of 1kΩ and 0.1 µF on the output of the ac-
celerometer to minimize clock noise (from the switched
capacitor filter circuit).
• PCB layout of power and ground should not couple power
supply noise.
• Accelerometer and microcontroller should not be a high
current path.
• A/D sampling rate and any external power supply switching
frequency should be selected such that they do not inter-
fere with the internal accelerometer sampling frequency.
This will prevent aliasing errors.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MMA2260D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA2260D FREESCALE-MMA2260D Datasheet
273Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA2260D NXP-MMA2260D Datasheet
305Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
Rev 3, 03/2006
logo
Freescale Semiconductor...
MMA2260DR2 FREESCALE-MMA2260DR2 Datasheet
273Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA2260DR2 NXP-MMA2260DR2 Datasheet
305Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
Rev 3, 03/2006
More results

Similar Description - MMA2260D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
   ,-1.5g Three Axis Low-g Micromachined Accelerometer
logo
Motorola, Inc
MMA7260Q MOTOROLA-MMA7260Q Datasheet
238Kb / 12P
   1.5g - 6g Three Axis Low-g Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA2260 FREESCALE-MMA2260 Datasheet
273Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA2260D NXP-MMA2260D Datasheet
305Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
Rev 3, 03/2006
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Freescale Semiconductor...
MMA6222AKEG FREESCALE-MMA6222AKEG Datasheet
209Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
MMA6222AEG FREESCALE-MMA6222AEG Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com