Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6633 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX6633
Description  12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6633 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
12-Bit Plus Sign Temperature Sensors with
SMBus/I2C-Compatible Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = -55°C to +125°C, unless otherwise noted. Typical values are VCC = +3.3V, TA = +25°C, unless other-
wise noted.)
Note 1: Guaranteed by design and characterization.
Note 2: Peak operating current measured during conversion. See Figure 4.
Note 3: Guaranteed by design, not production tested.
Note 4: A master device must provide a hold time of at least 300ns for the SDA signal in order to bridge the undefined region of
SCL’s falling edge.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SMBus TIMING (Note 3, Figures 1, 2, and 3)
Serial Clock Frequency
fSCL
10
100
kHz
Bus Free Time Between STOP
and START Condition
tBUF
4.7
µs
START Condition Setup Time
4.7
µs
Repeat START Condition Setup
Time
tSU:STA
90% to 90%
4.7
µs
START Condition Hold Time
tHD:STA
10% of SMBDATA to 90% of SMBCLK
4
µs
STOP Condition Setup Time
tSU:STO
90% of SMBCLK to 10% of SMBDATA
4
µs
Data Setup Time
tSU:DAT
90% of SMBDATA to 10% of SMBCLK
250
ns
Data Hold Time (Note 4)
tHD:DAT
300
ns
Receive SCL/SDA Rise Time
tR
1µs
SCL/SDA Fall Time (Note 4)
tF
300
ns
Clock Low Period
tLOW
10% to 10%
4.7
µs
Clock High Period
tHIGH
90% to 90%
4
µs
SMBus Timeout
25
48
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn