Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6633 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX6633
Description  12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6633 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
12-Bit Plus Sign Temperature Sensors with
SMBus/I2C-Compatible Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = -55°C to +125°C, unless otherwise noted. Typical values are VCC = +3.3V, TA = +25°C, unless other-
wise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, SDA, SCL ......................................................-0.3V to +6.0V
All Other Pins ................................................-0.3V to VCC +0.3V
SDA, ALERT, OVERT Current .............................-1mA to +50mA
ESD Protection (Human Body Model)................................2000V
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
Junction Temperature ......................................................+150°C
Operating Temperature Range .........................-55°C to +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Supply Range
VCC
3.0
5.5
V
0
°C ≤ TA = ≤ +50°C, VCC = +3.3V
-1.0
±0.4
+1.0
-20
°C ≤ TA = ≤ +85°C, VCC = +3.3V
-1.5
±0.6
+1.5
-40
°C ≤ TA = ≤ 125°C, VCC = +3.3V
-2.5
±1.0
+2.5
TA = -55
°C, VCC = +3.3V
-2.8
±1.5
+2.8
Accuracy (Note 1)
TA = +150
°C, VCC = +3.3V
±2.5
°C
Power-Supply Rejection Ratio
PSRR
0.2
0.5
°C/V
POR Threshold Hysteresis
90
mV
VCC = +3.0V, SMBus inactive
12
20
Supply Current in Shutdown
VCC = +5.5V, SMBus inactive
20
30
µA
VCC = +3.0V, SMBus inactive
150
Average Operating Current
VCC = +5.5V, SMBus inactive
200
µA
VCC = +3.0V, SMBus inactive
270
350
Peak Operating Current (Note 2)
VCC = +5.5V, SMBus inactive
350
700
µA
Conversion Rate
1.4
2
2.4
Hz
DIGITAL INTERFACE
Logic Input Low Voltage
VIL
VCC = +3.0V to +5.5V
0.65
V
VCC = +3V
2.2
Logic Input High
Voltage
VIH
VCC = +5.5V
2.4
V
Input Leakage Current
II_LEAK
VIN = GND or VCC
±1µA
Output Low Sink Current
IOL
VOL = 0.6V (SMBDATA,
ALERT, OVERT)
6mA
Output Leakage Current
IO_LEAK
ALERT, OVERT at VCC
±1µA
Input Capacitance
CIN
5pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn