Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5264 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX5264
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5264 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface for ATE
6
_______________________________________________________________________________________
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
04
26
8
10
Z.S.E.
vs. VREF (VREF+ - VREF-)
VREF (V)
SEE TABLE 1
A
B
C
D
E
MAJOR CARRY GLITCH IMPULSE
(0 x 1FFF - 0 x 2000)
2
µs/div
LD
5V/div
OUT
5mV/div
MAJOR CARRY GLITCH IMPULSE
(0 x 2000 - 0 x 1FFF)
2
µs/div
LD
5V/div
OUT
5mV/div
SEE TABLE 1
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
02468
10
GAIN ERROR
vs. VREF (VREF+ - VREF-)
VREF (V)
A
B
C
D
E
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
02468
10
DNL (MAX, MIN)
vs. VREF (VREF+ - VREF-)
VREF (V)
SEE TABLE 1
A
B
C
D
E
A
B
C
D
E
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
02468
10
F.S.E.
vs. VREF (VREF+ - VREF-)
VREF (V)
SEE TABLE 1
A
B
C
D
E
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
02468
10
INL (MAX, MIN)
vs. VREF (VREF+ - VREF-)
VREF (V)
SEE TABLE 1
A
B
C
D
E
A
B
CD
E
Typical Operating Characteristics (continued)
(VDD = +14V, VSS = -9V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.500V, VREF_ _ _ _- = -2.000V, TA = +25°C, unless
otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn