Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5264 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX5264
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5264 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface for ATE
4
_______________________________________________________________________________________
Note 1: Guaranteed by design. Not production tested.
Note 2: Guaranteed by design when 220
Ω resistor is in series with CL = 10,000pF.
Note 3: All DAC latches at full scale (0x3FFF).
Note 4: All DAC latches at zero scale (0x0000).
Note 5: All digital inputs (D_, A_, WR, CS, LD, and CLR) at GND or VCC potential.
Note 6: All digital inputs (D_, A_, WR, CS, LD, and CLR) at +0.8V or +2.4V.
Note 7: All data inputs (D0 to D13) transition from GND to VCC, with WR = VCC.
Note 8: All digital inputs (D_, A_, WR, CS, LD, and CLR) at +0.8V or +2.4V.
DYNAMIC CHARACTERISTICS
(VDD = +14V, VSS = -9V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.500V, VREF_ _ _ _- = -2.000V, RL = 10k
Ω,
CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 8)
(Note 7)
At ƒ = 1kHz
nVs
3
To ±1LSB of full scale
nVs
3
Digital Feedthrough
Digital Crosstalk
nV/
√Hz
130
dB
100
Channel-to-Channel Isolation
CONDITIONS
Output Noise Spectral Density
nVs
120
Digital-to-Analog Glitch Impulse
nVs
3
DAC-to-DAC Crosstalk
µs
22
Output Settling Time
V/µs
1
Output Slew Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Typical Operating Characteristics
(VDD = +14V, VSS = -9V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.500V, VREF_ _ _ _- = -2.000V, TA = +25°C, unless
otherwise noted.)
-0.4
-0.2
-0.3
-0.1
0.2
0.3
0.1
0
0.4
0
4000
8000
12,000
16,000
INTEGRAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL CODE
-0.4
-0.2
-0.3
-0.1
0.2
0.3
0.1
0
0.4
0
4000
8000
12,000
16,000
DIFFERENTIAL NONLINEARITY
vs. DIGITAL CODE
DIGITAL CODE
0
0.1
0.2
0.3
0.4
INL AND DNL ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
030
40
10
20
50
60
70
INL
DNL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn