Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5165 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX5165
Description  32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5165 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
32-Channel Sample/Hold Amplifier
with a Single Multiplexed Input
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +10V, VSS = -5V, VL = +5V ±5%, AGND = DGND, RL = 5k
Ω, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND.......................................................-0.3V to +11.0V
VSS to AGND .........................................................-6.0V to +0.3V
VDD to VSS ......................................................................+15.75V
VL to DGND...........................................................-0.3V to +6.0V
VL to AGND ...........................................................-0.3V to +6.0V
DGND to AGND.....................................................-0.3V to +2.0V
IN to AGND .................................................................VSS to VDD
A_, M_ to DGND ....................................................-0.3V to +6.0V
CH, CL to AGND .................................................-6.0V to +11.0V
Maximum Current into Output Pin ....................................±10mA
Maximum Current into A_, M_ ..........................................±20mA
Continuous Power Dissipation (TA = +70°C)
48-pin TQFP (derate 12.5mW/°C above +70°C).........1000mW
Operating Temperature Ranges
MAX5165_CCM ...................................................0°C to +70°C
MAX5165_ECM.................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Maximum Current into CH, CL, PIN..................................±80mA
Figure 2 (Note 1)
Figure 2 (Note 1)
Figure 2 (Note 1)
IN = AGND
To ±1mV of final value, Figure 2 (Note 1)
-4V < VIN < +7V, RL =
TA = +25°C, 100mV step to ±1mV, RL =
∞,
Figure 2 (Note 2)
8V step to 0.08%, RL =
∞, Figure 2 (Note 2)
IN = AGND, TA = +25°C
IN = AGND, TA = +25°C
+15°C
≤ TA ≤ +65°C (Note 1)
RL =
∞, CL = 250pF
CONDITIONS
ns
150
tDH
Data Hold Time
ns
200
tPW
Inhibit Pulse Width
ns
200
tAP
Aperture Delay
µs
12
tH
Hold-Mode Settling Time
µs
1
tAQ
2.5
4
Acquisition Time
V
VSS
VDD
VCL
Output Clamp Low
V
VSS
VDD
VCH
Output Clamp High
mA
2
ISINK
Output Sink Current
mA
2
ISOURCE
Output Source Current
700
1000
1300
ROUT_
DC Output Impedance
mV
0.25
1.00
VHS
Hold Step
%
0.01
0.08
Linearity Error
350
500
650
35
50
65
pF
10
20
CIN
Input Capacitance
mV/sec
140
∆VOUT_
Droop Rate
mV
-30
-5
30
µV/°C
20
40
VOS
Offset Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
8V step with 500ns
rising edge
(Note 1)
dB
-72
-76
Analog Crosstalk
MAX5165L
MAX5165M
MAX5165N
RL =
V
VSS +
VDD -
0.75
2.4
VOUT_
Output Voltage Range
MAX5165L, CL = 250pF
MAX5165M, CL = 10nF
MAX5165N, CL = 10nF
Figure 2 (Note 1)
ns
50
tDS
Data Setup Time
ANALOG SECTION
TIMING PERFORMANCE
-72
-76
-72
-76


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn