Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE9672 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE9672
Description  Integrated Circuit High Threshold Logic (HTL) Quad, 2-Input NAND Gate
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE9672 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin Connection Diagram
Logic Symbol
1
2
4
5
9
10
12
13
3
6
8
11
Positive Logic: 3 = 1
D 2
Input Loading Factor = 1
Output Loading Factor = 10
Propagation Delay Time = 110ns Typ
Typical Total Power Dissipation
Input High = 176mW
Inputs Low = 52mW
VCC
Input B2
Input A2
Output Y1
Output Y2
Input B3
GND
Input A4
Input B1
1
2
3
4
Input A1
5
6
7
14
13
12
11
Input B4
Output Y4
10
9
Input A3
8
Output Y3
.600 (15.24)
17
14
8
.300 (7.62)
.200
(5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95) Max


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn