Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS63LV1024L-8JI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS63LV1024L-8JI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63LV1024L-8JI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS63LV1024L-8JI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. B
08/07/02
IS63LV1024L
ISSI®
AC TEST LOADS
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Levels
Output Load
See Figures 1a and 1b
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
8
10
12
ns
tAA
Address Access Time
8
10
12
ns
tOHA
Output Hold Time
2
2
2
ns
tACE
CE Access Time
8
10
12
ns
tDOE
OE Access Time
4
5
6
ns
tLZOE(2)
OE to Low-Z Output
0
0
0
ns
tHZOE(2) OE to High-Z Output
0
4
0
5
0
6
ns
tLZCE(2)
CE to Low-Z Output
3
3
3
ns
tHZCE(2) CE to High-Z Output
0
4
0
5
0
6
ns
tPU
CE to Power Up Time
0
0
0
ns
tPD
CE to Power Down Time
8
10
12
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and C1
output loading specified in Figure 1.
2. Tested with the C2 load in Figure 1. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
Figure 1
OUTPUT
VT = 1.5V
ZOUT = 50
50
317
5 pF
Including
jig and
scope
351
OUTPUT
3.3V
Figure 2


Similar Part No. - IS63LV1024L-8JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024L-8JI ISSI-IS63LV1024L-8JI Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results

Similar Description - IS63LV1024L-8JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com