Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2701098 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2701098
Description  I/O expansion module for use with Nanoline base unit. Equipped with 4 analog input channels. A maximum of three I/O expansion modules can be attached to a base unit.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2701098 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/2701098
26.09.2012   Page 2 / 3
I/O expansion module - nLC-IO-4AI - 2701098
Technical data
Analog inputs
Current input signal
0 mA ... 20 mA
Input resistance current input
120 Ω
Voltage input signal
0 V ... 10 V
Voltage input signal
-10 V ... 10 V
Input resistance of voltage input
200 kΩ
General data
Width
40 mm
Height
103.5 mm
Depth
43 mm
Degree of protection
IP20
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Classifications
eclass
eCl@ss 4.0
27240101
eCl@ss 4.1
27240101
eCl@ss 5.0
27242216
eCl@ss 5.1
27242216
eCl@ss 6.0
27242216
eCl@ss 7.0
27242216
etim
ETIM 2.0
EC001417
ETIM 3.0
EC001417
ETIM 4.0
EC001417
unspsc
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404
UNSPSC 11
43172015
UNSPSC 12.01
43201404
UNSPSC 13.2
43201404
Approvals
Approvals
Approvals
UL Listed / cUL Listed / cUL Listed


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn