Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2701098 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2701098
Description  I/O expansion module for use with Nanoline base unit. Equipped with 4 analog input channels. A maximum of three I/O expansion modules can be attached to a base unit.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2701098 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/2701098
26.09.2012   Page 1 / 3
I/O expansion module - nLC-IO-4AI - 2701098
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
I/O expansion module for use with Nanoline base unit. Equipped with 4 analog input channels. A
maximum of three I/O expansion modules can be attached to a base unit.
Why buy this product
 Automatically recognized by the firmware
 I/O modules are electrically isolated
 Can be powered from a secondary power supply
 A system may have up to 8 analog inputs and 8 analog outputs
 Configuration options for 0 - 10 V DC, ±10 V DC, 4 - 20 mA, and 0 - 20 mA
 Up to 3 modules can be added to the right side of a base unit
 
Key commercial data
Packing unit
1
Minimum order quantity
252
Catalog page
Page 13 (AX-2011)
GTIN
Custom tariff number
85389091
Country of origin
INDIA
Technical data
Supply
Supply voltage
24 V
Supply current
Nom. 50 µA
Supply current
max. 90 µA
Analog inputs
Number of inputs
4 (Differential inputs, voltage or current can be chosen separately)
Connection method
2-wire
Input name
Analog inputs
Resolution A/D
12 bit
Limit frequency (3 dB)
5 Hz


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn