Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4489EIB Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL4489EIB
Description  Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4489EIB Datasheet(HTML) 1 Page - Intersil Corporation

  ISL4489EIB Datasheet HTML 1Page - Intersil Corporation ISL4489EIB Datasheet HTML 2Page - Intersil Corporation ISL4489EIB Datasheet HTML 3Page - Intersil Corporation ISL4489EIB Datasheet HTML 4Page - Intersil Corporation ISL4489EIB Datasheet HTML 5Page - Intersil Corporation ISL4489EIB Datasheet HTML 6Page - Intersil Corporation ISL4489EIB Datasheet HTML 7Page - Intersil Corporation ISL4489EIB Datasheet HTML 8Page - Intersil Corporation ISL4489EIB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6074.2
ISL4489E, ISL4491E
±15kV ESD Protected, 1/8 Unit Load, 5V,
Low Power, High Speed and Slew Rate
Limited, Full Duplex, RS-485/RS-422
Transceivers
The ISL4489E, ISL4491E are ESD protected, “fractional”
unit load, BiCMOS, 5V powered, single transceivers that
meet both the RS-485 and RS-422 standards for balanced
communication. Each driver output and receiver input is
protected against ±15kV ESD strikes, without latch-up.
Unlike competitive versions, these Intersil devices are
specified for 10% tolerance supplies (4.5V to 5.5V).
Rx inputs and Tx outputs present a “1/8 unit load” to the
RS-485 bus, which allows a total of 256 transmitters and
receivers on the network for large node count systems.
These devices are configured for full duplex (separate Rx
input and Tx output pins) applications, so they are ideal for
RS-422 networks requiring high ESD tolerance on the bus
pins.
The ISL4489E utilizes a slew rate limited driver which
reduces EMI, and minimizes reflections from improperly
terminated transmission lines, or unterminated stubs in
multidrop and multipoint applications.
Data rates up to 15Mbps are achievable by using the
ISL4491E, which features higher slew rates.
Receiver (Rx) inputs feature a “fail-safe if open” design,
which ensures a logic high Rx output if Rx inputs are floating.
Driver (Tx) outputs are short circuit protected, even for
voltages exceeding the power supply voltage. Additionally,
on-chip thermal shutdown circuitry disables the Tx outputs to
prevent damage if power dissipation becomes excessive.
Features
• Pb-free Available as an Option (RoHS Compliant)
(See Ordering Info)
• RS-485 I/O Pin ESD Protection . . . . . . . . . . . . . ±15kV HBM
- Class 3 ESD Level on all Other Pins . . . . . . >7kV HBM
• 1/8 Unit Load Allows up to 256 Devices on the Bus
• High Data Rates (ISL4491E) . . . . . . . . . . . up to 15Mbps
• Slew Rate Limited Version for Error Free Data
Transmission (ISL4489E)
• Very Low Quiescent Current:
-140µA (ISL4489E)
-370µA (ISL4491E)
• -7V to +12V Common Mode Input Voltage Range
• Three-State Rx and Tx Outputs
• Full Duplex Pinout
• Operates from a Single +5V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for driver
Overload Protection
Applications
• Factory Automation
• Security Networks
• Building Environmental Control Systems
• Industrial/Process Control Networks
• Level Translators (e.g., RS-232 to RS-422)
• RS-232 “Extension Cords”
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
HIGH ESD?
NO. OF DEVICES
ALLOWED ON BUS
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
RECEIVER/
DRIVER ENABLE?
QUIESCENT
ICC (µA)
PIN
COUNT
ISL4489E
Full
Yes
256
0.25
Yes
Yes
140
14
ISL4491E
Full
Yes
256
15
No
Yes
370
14
Data Sheet
October 27, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL4489EIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4489EIB INTERSIL-ISL4489EIB Datasheet
416Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4489EIB RENESAS-ISL4489EIB Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4489EIBZ INTERSIL-ISL4489EIBZ Datasheet
416Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4489EIBZ RENESAS-ISL4489EIBZ Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results

Similar Description - ISL4489EIB

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
MAX485ESA UMW-MAX485ESA Datasheet
394Kb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com