Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3873IK Datasheet(PDF) 15 Page - Intersil Corporation

Part # ISL3873IK
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3873IK Datasheet(HTML) 15 Page - Intersil Corporation

Back Button ISL3873IK Datasheet HTML 11Page - Intersil Corporation ISL3873IK Datasheet HTML 12Page - Intersil Corporation ISL3873IK Datasheet HTML 13Page - Intersil Corporation ISL3873IK Datasheet HTML 14Page - Intersil Corporation ISL3873IK Datasheet HTML 15Page - Intersil Corporation ISL3873IK Datasheet HTML 16Page - Intersil Corporation ISL3873IK Datasheet HTML 17Page - Intersil Corporation ISL3873IK Datasheet HTML 18Page - Intersil Corporation ISL3873IK Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15
USB Port
The USB interface implemented in the ISL3873 complies
with the Universal Serial Bus Specification Revision 1.1.
dated September 23, 1998, which is available from the USB
Implementers’ Forum at http://www.usb.org/.
The USB supports 4 endpoints.
• One Communications Class control endpoint for interface
management;
• One Communications Class interrupt endpoint for
signalling interrupts to the host; and,
• Two Bulk endpoints for transfer of encapsulated NDIS
functions to and from the host.
The USB along with USB support firmware provides an
alternate host interface for attaching an 802.11{b} WLAN
adapter to a host computer. This interface does not provide
“wireless USB” where USB packets are sent on the wireless
medium due to timing constraints in the USB protocol.
USB+ and USB- are the differential pair signals provided for
the user. These signals are capable of directly driving a USB
cable.
USB_DETECT is a 5V tolerant input to the ISL3873 device.
It is used to signal the MAC processor that a USB cable is
attached to the unit.
Complete details on the USB firmware for controlling this
port can be obtained by contacting the factory directly.
Power Sequencing
The ISL3873 provides a number of firmware controlled port
pins that are used for controlling the power sequencing and
other functions in the front end components of the radio.
Packet transmission requires precise control of the radio.
Ideally, energy at the antenna ceases after the last symbol of
information has been transmitted. Additionally, the
transmit/receive switch must be controlled properly to protect
the receiver. It's also important to apply appropriate
modulation to the PA while it's active.
Signaling sequences for the beginning and end of normal
transmissions are illustrated in Figure 10. Table 1 lists
applicable delays associated with these control signals.
A transmission begins with PE2 as shown in Figure 10. Next,
the transmit/receive switch is configured for transmission via
the differential pair TR_SW and TR_SW_BAR. This is
followed by a transmit enable (TX_ENABLE) to the
Baseband processor inside the ISL3873. This enable
activates the transmit state machine in the BBP. Lastly,
PA_PE activates the PA. Delays for these signals related to
the initiation of transmission are referenced to PE2.
Immediately after the final data bit has been clocked out of the
MAC the Baseband processor is disabled. The MAC then waits
for a control signal (TX_READY) from the Baseband processor
to go inactive, signaling that the BBP has modulated the final
information-rich symbol. It then immediately de-asserts PA_PE
followed by placing the transmit/receive switch in the receive
position and ending with PE2 going high. Delays for these
signals related to the termination of transmission are
referenced to the rising edge of PE2
.
PE1 and PE2 encoding details are found in Table 2.
Note that during normal receive and transmit operation that
PE1 is static and PE2 toggles for receive and transmit
states.
FIGURE 9. BLOCK DIAGRAM OF A BUFFER ACCESS PATH
BUFFER DESCRIPTOR
ACCESS (FIRMWARE)
ALLOCATE/
DEALLOCATE
REQUEST
BLOCK
OFFSET
VIRTUAL
FRAME BUFFER
DATA PORT
PRE-READ/
POST-WRITE
OFFSET CENTER
HOST
BUS
STATUS
HEADER
DATA
BUFFER
MEMORY
A
FID
D
TABLE 1. TRANSMIT CONTROL TIMING SPECIFICATIONS
PARAMETER
SYMBOL
DELAY
TOLERANCE UNITS
PE2 to TR Switch
tD1
2
±0.1
µs
PE2 to PA_PE
tD3
3
±0.1
µs
PA_PE to PE2
tD4
3
±0.1
µs
TR Switch to PE2
tD5
2
±0.1
µs
ISL3873


Similar Part No. - ISL3873IK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873AIK INTERSIL-ISL3873AIK Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873AIK-TK INTERSIL-ISL3873AIK-TK Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results

Similar Description - ISL3873IK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
Intersil Corporation
ISL3874 INTERSIL-ISL3874 Datasheet
390Kb / 33P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor with Mini-PCI
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com