Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL3873 Datasheet(PDF) 17 Page - Intersil Corporation

Part No. ISL3873
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL3873 Datasheet(HTML) 17 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
memory devices at any CLKIN frequency. The MCLK
prescaler generates glitch free output when the divisor is
changed. This allows firmware to change the MCLK
frequency during operation, which is especially useful to
selectively reduce operating speed, thereby conserving
power, when full speed processing is not required.
Power On Reset Configuration
Power On Reset is issued to the ISL3873 with the RESET
pin or via the soft reset bit, SRESET, in the Configuration
Option Register (COR, bit 7). RESET originates from the
HOST system which applies RESET for at least 0.01ms after
VCC has reached 90% of its end value (see PC-Card
standard, Vol. 2, Ch. 4.12.1).
The MD[15:8] pin values are sampled during RESET or
Software Reset (SRESET). These pins have internal 50K
resistors. External pull-up or pull-down resistors (typically
10k
Ω) are used for bits which need to be configured
differently than the default.
Table 3 summarizes the effect per pin. Table 4 provides the
MD15 and MD14 bit values required to allow the ISL3873 to
use Serial EEPROM option.
MD[11], StrIdle, has no equivalent functionality in any control
register. When asserted at reset, it will inhibit firmware
execution. This is used to allow the initial download of
firmware in “Genesis Mode”. See the Hardware Reference
Manual for more details. The latch is cleared when the
Software Reset, SRESET, COR(7) is active.
XTALIN
XTALOUT
X1
C1
C2
FIGURE 11. 32.768kHz CRYSTAL
10M
22pF
4700pF
TABLE 3. INITIALIZATION STRAPPING OPTIONS ON MBUS DATA PINS
BITS
NAME
DEFAULT
FUNCTION
15:14 NVtype[1:0]
30
Indicates type of serial NV memory to be read by initialization firmware in on-chip ROM.
Up to 8 NV device types can be encoded with (StrIdle or NVtype). If StrIdle = 0, NV memory holds a firmware
image, and NVtype identifies 1 of 4 “large” (. = 128Kb) types. If StrIdle = 1, the NV memory just holds the CIS,
and NVtype identifies 1 of 4 “small” (< = 8Kb) types.
13
SHIenable
0
Use the Serial Host Interface (USB), and disable all PC Card functions except attribute space, for access to the
COR and HCR for firmware debugging support. When = 0, use the Parallel Host Interface (PC Card or ISA).
12
4Wire
1
Use 4-wire interface to SRAM (CS-, OE-, WEH-, WEL-) the ISL3873 x8 SRAMs. When = 0 selects 5-wire
interface for use with x16 SRAM (CS-, OE-, WE-, UBE-, LBE-).
11
StrIdle
0
Start idle (wait for download from PC Card host interface).
10
Mem16
0
RAM and NV space at startup is x 16. When = 0 RAM and NV space at startup is x 8. If starting from off-chip NV
memory this setting must indicate the width of the startup Flash Memory. During initialization, firmware can set
separate widths or RAM and NV space in the Memory Control Register.
9
NVds
0
Disable mapping of off-chip control store to NV space (hence map off-chip control store to RAM space). When
= 0 off-chip control store is mapped to NV memory
8
ROMds
1
Disable on-chip control store ROM. When = 0 enable on-chip control store ROM.
7
ISAmode
0
Set host interface control signals and address decoding for PC card. When = 1 set host interface signals and
address decoding is for ISA bus, with all registers in I/O space and attribute space disabled. To use ISA mode,
PHIenable must be = 1 to enable a parallel host interface.
6
FCRinIO
0
Enable I/O space decoding for the physical FCRs. When = 1, the COR, CSR, and PRR registers are accessible
at I/O space offsets 0x40, 0x42, and 0x44 respectively. When = 0 these registers are only accessible in attribute
space. This bit is ignored when PHIenable = 0, and is overridden (forced = 1) when ISAmode =1. FCRinIO = 1
is useful for PC Card operation (PHIenable = 1, ISAmode = 0) to allow non-OS software to access the COR/HCR
in OS environments where the system software does not permit application software to access attribute space.b
5:0
Spare
0 x 00
Not assigned.
a. FCRinIO = 1 forces HAMASK [0] = 1 to expand I/O space decoding from 0 x 40 to 0 x 80 bytes.
TABLE 4. SERIAL EEPROM SELECTION
MD15
MD14
DEVICE TYPE
FUNCTION
0
0
AT45DB011
Large Serial Device used to transfer firmware to SRAM
0
1
24C08 (Note)
Small Serial Device which contains only CIS. MAC goes idle after loading CIS and waits for host.
1
X
None
Modes not supported in firmware at this time. Consult factory for additional device types added.
NOTE: The operating frequency of the serial port is 400kHz with a voltage of 3.3V.
ISL3873


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn