Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL3873 Datasheet(PDF) 7 Page - Intersil Corporation

Part No. ISL3873
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL3873 Datasheet(HTML) 7 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
BGA Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .100oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Current
ICCOP
VCC = 3.6V, CLK Frequency 44MHz
-
-
175
mA
Input Leakage Current
II
VCC = Max, Input = 0V or VCC
-10
1
10
mA
Output Leakage Current
IO
VCC = Max, Input = 0V or VCC
-10
1
10
mA
Logical One Input Voltage
VIH
VCC = Max, Min
0.7VCC
--
V
Logical Zero Input Voltage
VIL
VCC = Min, Max
-
-
0.3V
V
Logical One Output Voltage
VOH
IOH = -1mA, VCC = Min
0.9VCC
--
V
Logical Zero Output Voltage
VOL
IOL = 2mA, VCC = Min
-
0.1
0.1VCC
V
Input Capacitance
CIN
CLK Frequency 1MHz. All measurements
referenced to GND. TA = 25
oC
-
5
10
pF
Output Capacitance
COUT
CLK Frequency 1MHz. All measurements
referenced to GND. TA = 25
oC
-
5
10
pF
NOTE: All values in this table have not been measured and are only estimates of the performance at this time.
AC Electrical Specifications
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CLOCK SIGNAL TIMING
OSC Clock Period (Typ. 44MHz)
tCYC
20
20.8
200
ns
High Period
tH1
10
10.4
-
-
Low Period
tL1
10
10.4
-
-
EXTERNAL MEMORY READ INTERFACE
MOE-Setup Time from RAMCS_
tS1
0-
-
ns
MOE_Setup Time from MA (17..0)
tS2
0
-
-ns
MA (17..1) Hold Time from MOE_ Rising Edge
tH1
20
-
-
ns
RAMCS_ Hold from MOE_ Rising Edge
tH2
20
-
-
ns
MD (15..0) Enable from MOE_ Falling
tE1
5
-
-ns
MO (15..0) Disable from MOE_ Rising Edge
tD1
-
-
100
ns
EXTERNAL MEMORY WRITE INTERFACE
MA (17..0) Setup to MWE_ Falling Edge
tS3
00
0
ns
RAMCS_ Setup to MWE
tS4
0-
-
ns
MA (17..0) Hold from MWE_ Rising Edge
tH3
15
-
-
ns
RAMCS _ Hold from MWE_ Rising Edge
tH4
15
-
-
ns
MD (15..0) Setup to MWE_ Rising Edge
tS5
40
-
-
ns
MD (15..0) Hold from MWE_ Rising Edge
tH5
15
-
-
ns
SYNTHESIZER
SYNTHCLK(PK1) Period
tCYC
83
-
4,000
ns
ISL3873


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn