Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ISL3873 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ISL3873
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL3873 Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
MISC CONTROL PORT PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
ANTSEL
O
The antenna select signal changes state as the receiver switches from antenna to
antenna during the acquisition process in the antenna diversity mode. This is a
complement for ANTSEL (pin 40) for differential drive of antenna switches
ANTSEL
O
The antenna select signal changes state as the receiver switches from antenna to
antenna during the acquisition process in the antenna diversity mode. This is a
complement for ANTSEL (pin 39) for differential drive of antenna switches
TestMode
I/O
Factory level test pin. This pin must be pulled low with a 10K resistor.
CompCap1
I
Compensation Capacitor
CompCap2
I
Compensation Capacitor
CompRes1
I
Compensation Resistor
CompRes2
I
Compensation Resistor
DBG(0-4)
I/O
Debug factory test signals. Do not connect
POWER PORT PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
VDDA
Power
DC Power Supply 2.7 - 3.6V (Not Hardwired Together on Chip)
VDD
Power
DC Power Supply 2.7 - 3.6V
SUPPLY5V
Power
5V Tolerant DC Power Supply
VSSA
Ground
Analog Ground
Vsub
Ground
Analog Ground
GND
Ground
Digital Ground
VREF
Input
Voltage Reference for A/D’s and D/A’s
IREF
Input
Current Reference for internal ADC and DAC devices. Requires 12K resistor to ground.
ST = Schmitt Trigger (Hysteresis), TS = Three-State. Signals ending with “-” are active low.
ISL3873 PIN NUMBER ASSIGNMENTS
PIN NUMBER
SIGNAL NAME
PIN NUMBER
SIGNAL NAME
PIN NUMBER
SIGNAL NAME
PIN NUMBER
SIGNAL NAME
A1
NC
C7
HD4
F4
MA5
K16
VDD
A2
MA10
C8
HD6
F13
HD9
A3
MA13
C9
HD14
F14
HD10
L1
MD8
A4
MA16
C10
HD11
F15
HA2
L2
MD7
A5
GND
C11
HD7
F16
HA1
L3
MD10
A6
PL4_MA19
C12
HA7
L4
MD9
A7
DBG2
C13
GND
G1
MD12
L13
GND
A8
VDD
C14
DBG3
G2
MD14
L14
RX_RF_AGC
A9
HD3
C15
NC
G3
VDD
L15
ANT_SEL
A10
HCE2
C16
RESET
G4
MA2
L16
ANT_SEL
A11
GND
G13
GND
A12
HD15
D1
MA3
G14
HSTSCHG
M1
MD5
A13
HA9
D2
MA8
G15
HD0
M2
VDD
A14
VDD
D3
MA7
G16
BBP_CLK
M3
GND
A15
HA6
D4
MA14
M4
MD6
A16
NC
D5
MA17
H1
VDD
M13
VDDA
D6
DBG0
H2
MLBE
M14
COMPCAP1
B1
VDD
D7
GND
H3
MD11
M15
GND
ISL3873


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn