Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ISL3873 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL3873
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL3873 Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
MAC RADIO INTERFACE AND GENERAL PURPOSE PORT PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION OF FUNCTION
(IF OTHER THAN I/O PORT)
PJ4
CMOS BiDir, 2mA
PE1
PJ5
CMOS BiDir, 2mA, 50K Pull Up
LE_IF
PJ6
CMOS BiDir, 2mA
LED1
PJ7
CMOS BiDir, 2mA, 50K Pull Up
RADIO_PE
PK0
CMOS BiDir, 2mA, ST, 50K Pull Down
LE_RF
PK1
CMOS BiDir, 2mA, 50K Pull Down
SYNTHCLK
PK2
CMOS BiDir, 2mA, 50K Pull Down
SYNTHDATA
PK3
CMOS BiDir, 2mA
PA_PE
PK4
CMOS BiDir, 2mA
PE2
PK7
CMOS BiDir, 2mA
CAL_EN
PL3
CMOS BiDir, 2mA
TR_SW_BAR
PL7
CMOS BiDir, 2mA, Pull Down
TR_SW
SERIAL EEPROM PORT PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
PJ0
CMOS BiDir
SCLK, Serial Clock
PJ1
CMOS BiDir, 50K Pull Down
SD, Serial Data Out
PJ2
CMOS BiDir, 50K Pull Down
MISO, Serial Data IN
TCLKIN (CS_)
CMOS BiDir
CS_, Chip Select
CLOCKS PORT PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
CLKIN
CMOS Input, 50K Pull Down
External Clock Input to MCLK prescaler (at >= 2X Desired MCLK
Frequency, Typically 44-48MHz)
XTALIN
Analog Input
32.768kHz Crystal Input
XTALOUT
CMOS Output, 2mA
32.768kHz Crystal Output
CLKOUT
CMOS, TS Output, 2mA
Internal Clock Output (Selectable as MCLK, TCLK, or TOUT0)
BBP_CLK
Input
Baseband Processor Clock. The nominal frequency for this clock is
44MHz. This is used internally to generate divide by 2 and 4 for the
transceiver clock
BASEBAND PROCESSOR RECEIVER PORT PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
RX_IF_AGC
O
Analog drive to the IF AGC control
RX_RF_AGC
O
Drive to the RF AGC stage attenuator. CMOS digital
RX_IF_DET
I
Analog input to the receive power A/D converter for AGC control
RXI,
±
I
Analog input to the internal 6-bit A/D of the In-phase received data. Balanced differential 10+/11-
RXQ,
±
I
Analog input to the internal 6-bit A/D of the Quadrature received data. Balanced differential 13+/14-
BASEBAND PROCESSOR TRANSMITTER PORT PINS
PIN NAME
PIN I/O TYPE
DESCRIPTION
TX_AGC_IN
I
Input to the transmit power A/D converter for transmit AGC control
TX_IF_AGC
O
Analog drive to the transmit IF power control
TXI
±
O
TX Spread baseband I digital output data. Data is output at the chip rate. Balanced differential 23+/24-
TXQ
±
O
TX Spread baseband Q digital output data. Data is output at the chip rate. Balanced differential
29+/30-
ISL3873


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn