Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS63LV1024L Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part No. IS63LV1024L
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo 

IS63LV1024L Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IS63LV1024L
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. B
08/07/02
Copyright © 2002 Integrated Silicon Solution, Inc.
All rights reserved.
ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
128K x 8 HIGH-SPEED CMOS STATIC RAM
3.3V REVOLUTIONARY PINOUT
FEATURES
• High-speed access times:
8, 10, 12 ns
• High-performance, low-power CMOS process
• Multiple center power and ground pins for
greater noise immunity
• Easy memory expansion with CE and OE
options
CE power-down
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 3.3V power supply
• Packages available:
– 32-pin 300-mil SOJ
– 32-pin 400-mil SOJ
DESCRIPTION
The
ISSI IS63LV1024L is a very high-speed, low power,
131,072-word by 8-bit CMOS static RAM in revolutionary
pinout. The IS63LV1024L is fabricated using
ISSI's
high-performance CMOS technology. This highly reliable
process coupled with innovative circuit design
techniques, yields higher performance and low power
consumption devices.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down to 250 µW (typical) with CMOS input levels.
The IS63LV1024L operates from a single 3.3V power
supply and all inputs are TTL-compatible.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE
OE
WE
128K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
AUGUST 2002
– 32-pin TSOP (Type II)
– 32-pin STSOP (Type I)
– 36-pin BGA (8mmx10mm)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn