Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV44002ASL-60T Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC41LV44002ASL-60T
Description  4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV44002ASL-60T Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC41LV44002ASL-60T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV44002ASL-60T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV44002ASL-60T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV44002ASL-60T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV44002ASL-60T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV44002ASL-60T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV44002ASL-60T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV44002ASL-60T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV44002ASL-60T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Integrated Circuit Solution Inc.
DR026-0A 09/04/2001
IC41C44002A/IC41C44002AS(L)
IC41LV44002A/IC41LV44002AS(L)
Functional Description
The IC41C44002A and IC41LV44002A are CMOS DRAMs
optimized for high-speed bandwidth, low power
applications. During READ or WRITE cycles, each bit is
uniquely addressed through the 11 address bits. These are
entered 11 bits (A0-A10) at a time for the 2K refresh device
. The row address is latched by the Row Address Strobe
(
RAS). The column address is latched by the Column
Address Strobe (
CAS). RAS is used to latch the first 11 bits
and
CAS is used to latch the latter 11 bits.
Memory Cycle
A memory cycle is initiated by bring
RAS LOW and it is
terminated by returning both
RAS and CAS HIGH. To
ensures proper device operation and data integrity any
memory cycle, once initiated, must not be ended or
aborted before the minimum tRAS time has expired. A new
cycle must not be initiated until the minimum precharge
time tRP, tCP has elapsed.
Read Cycle
A read cycle is initiated by the falling edge of
CAS or OE,
whichever occurs last, while holding
WE HIGH. The
column address must be held for a minimum time specified
by tAR. Data Out becomes valid only when tRAC, tAA, tCAC
and tOE are all satisfied. As a result, the access time is
dependent on the timing relationships between these
parameters.
Write Cycle
A write cycle is initiated by the falling edge of
CAS and WE,
whichever occurs last. The input data must be valid at or
before the falling edge of
CAS or WE, whichever occurs
last.
Refresh Cycle
To retain data, 2,048 refresh cycles are required in each
32 ms period. There are two ways to refresh the memory:
1. By clocking each of the 2,048 row addresses (A0
through A10) with
RAS at least once every 32 ms. Any
read, write, read-modify-write or
RAS-only cycle re-
freshes the addressed row.
2. Using a
CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS,
while holding
CAS LOW. In CAS-before-RAS refresh
cycle, an internal 11-bit counter provides the row ad-
dresses and the external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data
access or device selection is allowed. Thus, the output
remains in the High-Z state during the cycle.
Self Refresh Cycle(1)
The Self Refresh allows the user a dynamic refresh, data
retention mode at the extended refresh period of 64 ms. i.
e., 32 µs per row when using distributed CBR refreshes.
The feature also allows the user the choice of a fully static,
low power data retention mode. The optional Self Refresh
feature is initiated by performing a CBR Refresh cycle and
holding
RAS LOW for the specified tRASS.
The Self Refresh mode is terminated by driving
RAS HIGH
for a minimum time of tRPS. This delay allows for the
completion of any internal refresh cycles that may be in
process at the time of the
RAS LOW-to-HIGH transition. If
the DRAM controller uses a distributed refresh sequence,
a burst refresh is not required upon exiting Self Refresh.
However, if the DRAM controller utilizes a
RAS-only or
burst refresh sequence, all 2048 rows must be refreshed
within the average internal refresh rate, prior to the resump-
tion of normal operation.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight initial-
ization cycles (any combination of cycles containing a
RAS signal).
During power-on, it is recommended that
RAS track with
VCC or be held at a valid VIH to avoid current surges.
Note:
1.Self Refresh is for S version only.


Similar Part No. - IC41LV44002ASL-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV44052-50J ICSI-IC41LV44052-50J Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41LV44052-50JI ICSI-IC41LV44052-50JI Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41LV44052-50T ICSI-IC41LV44052-50T Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41LV44052-50TI ICSI-IC41LV44052-50TI Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41LV44052-60J ICSI-IC41LV44052-60J Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
More results

Similar Description - IC41LV44002ASL-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com