Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-2638V Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IRM-2638V
Description  Infrared Remote-control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRM-2638V Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IRM-2638V Datasheet HTML 1Page - List of Unclassifed Manufacturers IRM-2638V Datasheet HTML 2Page - List of Unclassifed Manufacturers IRM-2638V Datasheet HTML 3Page - List of Unclassifed Manufacturers IRM-2638V Datasheet HTML 4Page - List of Unclassifed Manufacturers IRM-2638V Datasheet HTML 5Page - List of Unclassifed Manufacturers IRM-2638V Datasheet HTML 6Page - List of Unclassifed Manufacturers IRM-2638V Datasheet HTML 7Page - List of Unclassifed Manufacturers IRM-2638V Datasheet HTML 8Page - List of Unclassifed Manufacturers IRM-2638V Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.1
Page: 5 of 9
Device No:DMO-026-311
Prepared date:07-13-2004
Prepared by:Carryll Hsu
Standard Transmitter
Oscilloscope
Vout
10uF
+5.0± 0.1V
10k
20cm
θ
θ
D.U.T
L: Transmission Distance
Standard Transmitter
GND
Vcc
OUT
Vout
θ: Angle Of Horizontal & Vertical Direction
IRM-2638V
Fig.-2
Measuring Method
Fig.-3
Measuring System
Block Diagram:
Application Circuit:
RC Filter should be connected closely between Vcc pin and GND pin.
Modulated IR signal
min 10 pulses
Carrier frequency f0
OUT
IN
Vs
GND
Input
CGA & filter
Demodulator
Oscillator
AGC/ATC & digital control
µC


Similar Part No. - IRM-2638V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-2638 EVERLIGHT-IRM-2638 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638 EVERLIGHT-IRM-2638 Datasheet
276Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638-DIP-A EVERLIGHT-IRM-2638-DIP-A Datasheet
202Kb / 9P
   Infrared Remote-Control Receiver Module
IRM-2638-E EVERLIGHT-IRM-2638-E Datasheet
249Kb / 10P
   Infrared Remote-control Receiver Module
IRM-2638A EVERLIGHT-IRM-2638A Datasheet
234Kb / 10P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-2638V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com