Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHY4230CM Datasheet(PDF) 5 Page - International Rectifier

Part # IRHY4230CM
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHY4230CM Datasheet(HTML) 5 Page - International Rectifier

  IRHY4230CM Datasheet HTML 1Page - International Rectifier IRHY4230CM Datasheet HTML 2Page - International Rectifier IRHY4230CM Datasheet HTML 3Page - International Rectifier IRHY4230CM Datasheet HTML 4Page - International Rectifier IRHY4230CM Datasheet HTML 5Page - International Rectifier IRHY4230CM Datasheet HTML 6Page - International Rectifier IRHY4230CM Datasheet HTML 7Page - International Rectifier IRHY4230CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
Pre-Irradiation
IRHY7230CM
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
500
1000
1500
2000
V
, Drain-to-Source Voltage (V)
DS

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd

Ciss

Coss

Crss
0
10
20
30
40
50
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G


FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
9.4A

V
= 40V
DS
V
= 100V
DS
V
= 160V
DS
0.1
1
10
100
0.2
0.6
1.0
1.4
1.8
2.2
-V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 25 C
J
°

T = 150 C
J
°
0.1
1
10
100
1000
1
10
100
1000

OPERATION IN THIS AREA LIMITED
BY RDS(on)

Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS

10us

100us

1ms

10ms


Similar Part No. - IRHY4230CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY4230CM IRF-IRHY4230CM Datasheet
143Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results

Similar Description - IRHY4230CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY67C30CM IRF-IRHY67C30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CM IRF-IRHY57230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9130CM IRF-IRHY9130CM Datasheet
116Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57234CMSE IRF-IRHY57234CMSE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-257AA)
IRHY597130CM IRF-IRHY597130CM Datasheet
107Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597230CM IRF-IRHY597230CM Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9230CM IRF-IRHY9230CM Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
175Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7130CM IRF-IRHY7130CM Datasheet
108Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597034CM IRF-IRHY597034CM Datasheet
204Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com