Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE965 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE965
Description  Linear Integrated Circuit Voltage Regulator, Negative, -8V, 1A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE965 Datasheet(HTML) 2 Page - NTE Electronics

  NTE965 Datasheet HTML 1Page - NTE Electronics NTE965 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (VIN = –14V, IO = 500mA, TJ = 0° to +125°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IB
TJ = +25°C
4.3
8.0
mA
Quiescent Current Change
∆IB
–25V
≤ VIN ≤ –10.5V
1.0
mA
5mA
≤ IO ≤ 1A
0.5
Ripple Rejection
RR
21.5V
≤ VIN ≤ 11.5V, f = 120Hz
62
dB
Dropout Voltage
VIN – VO
TJ = +25°C, IO = 1A
2.0
V
Output Noise Voltage
Vn
TA = +25°C, 10Hz ≤ f ≤ 100kHz
10
µV/VO
Output Resistance
rO
f = 1kHz
18
m
Short–Circuit Current Limit
Isc
TA = +25°C, VIN = 35V
0.2
A
Peak Output Current
Imax
TJ = +25°C
2.2
A
Average Temperature
Coefficient of Output
Voltage
TCVO
–0.6
mV/
°C
Note 1. Load and line regulation are specified at constant junction temperature. Changes in VO
due to heating effects must be taken into account spearately. Pulse testing with low duty
cycle is used.
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250 (6.35)
Max
.147 (3.75)
Dia Max
.070 (1.78)
Max
.100 (2.54)
GND
VIN/Tab
VOUT
.110 (2.79)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn