Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGN1107MS-TR Datasheet(PDF) 22 Page - STANLEY ELECTRIC CO.,LTD.

Part # MGN1107MS-TR
Description  Light source for surveillance camera竊똭ight auxiliary light
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MGN1107MS-TR Datasheet(HTML) 22 Page - STANLEY ELECTRIC CO.,LTD.

Back Button MGN1107MS-TR Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. MGN1107MS-TR Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. MGN1107MS-TR Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. MGN1107MS-TR Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. MGN1107MS-TR Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. MGN1107MS-TR Datasheet HTML 21Page - STANLEY ELECTRIC CO.,LTD. MGN1107MS-TR Datasheet HTML 22Page - STANLEY ELECTRIC CO.,LTD. MGN1107MS-TR Datasheet HTML 23Page - STANLEY ELECTRIC CO.,LTD. MGN1107MS-TR Datasheet HTML 24Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
MGN1107MS-TR
Page : 22
Page : 22
2018.8.30
Correspondence to RoHS2 / ELV instruction
No.
Threshold
Substances
0.1%
(1,000ppm)
Lead and its compounds
Mercury and its compounds
0.1%
(1,000ppm)
0.01%
(100ppm)
Cadmium and its compounds
This product is in compliance with RoHS2 / ELV.
7
1
4
5
2
3
6
0.1%
(1,000ppm)
DEHP : Bis (2-ethylhexyl) phthalate
0.1%
(1,000ppm)
BBP : Butyl benzyl phthalate
9
10
0.1%
(1,000ppm)
DBP : Dibutyl phthalate
0.1%
(1,000ppm)
DIBP : Diisobutyl phthalate
8
Prohibition substance and it's criteria value of RoHS2 / ELV are as follows.
・RoHS2 instruction  … Refer to following 1 to 10.
・ELV instruction  … Refer to following 1 to 4.
0.1%
(1,000ppm)
Hexavalent chromium compounds
0.1%
(1,000ppm)
PBB : Polybrominated Biphenyls
0.1%
(1,000ppm)
PBDE : Polybrominated Biphenyl Ethers


Similar Part No. - MGN1107MS-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MGN1105MS-TR STANLEY-MGN1105MS-TR Datasheet
729Kb / 25P
   Lead?밼ree soldering compatible
MGN1106MS-TR STANLEY-MGN1106MS-TR Datasheet
691Kb / 25P
   Lead?밼ree soldering compatible
More results

Similar Description - MGN1107MS-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MFN1107MS-TR STANLEY-MFN1107MS-TR Datasheet
718Kb / 24P
   Light source for surveillance camera竊똭ight auxiliary light
MFN1108MS-TR STANLEY-MFN1108MS-TR Datasheet
732Kb / 24P
   Light source for surveillance camera竊똭ight auxiliary light
logo
Toshiba Semiconductor
TLOH9204 TOSHIBA-TLOH9204 Datasheet
251Kb / 10P
   ORANGE LIGHT EMISSION AF auxiliary light source for digital still cameras
TLN212 TOSHIBA-TLN212 Datasheet
162Kb / 4P
   INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
TLN217 TOSHIBA-TLN217 Datasheet
119Kb / 4P
   Infrared Light-Emitting Diode for Still Camera Light Source for Auto Focus
TLN210 TOSHIBA-TLN210 Datasheet
137Kb / 4P
   INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
TLN208 TOSHIBA-TLN208 Datasheet
205Kb / 4P
   INFRARED LIGHT - EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
TLOH9203 TOSHIBA-TLOH9203 Datasheet
223Kb / 10P
   InGaAlP ORANGE LIGHT EMISSION AF auxiliary light source for digital still cameras
logo
CITIZEN ELECTRONICS CO....
CL-473S CITIZEN-CL-473S Datasheet
92Kb / 1P
   LED For Flash Light Source
CL-473S CITIZEN-CL-473S Datasheet
296Kb / 1P
   LED For Flash Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com