Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C44002A-60J Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC41C44002A-60J
Description  4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C44002A-60J Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC41C44002A-60J Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41C44002A-60J Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C44002A-60J Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C44002A-60J Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C44002A-60J Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C44002A-60J Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C44002A-60J Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C44002A-60J Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C44002A-60J Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Integrated Circuit Solution Inc.
DR026-0A 09/04/2001
IC41C44002A/IC41C44002AS(L)
IC41LV44002A/IC41LV44002AS(L)
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V
≤ VIN ≤ Vcc
−55
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
−55
µA
0V
≤ VOUT ≤ Vcc
VOH
Output High Voltage Level
IOH =
−5.0 mA with VCC=5V
2.4
V
IOH =
−2.0 mA with VCC=3.3V
VOL
Output Low Voltage Level
IOL = 4.2 mA with VCC=5V
0.4
V
IOL = 2 mA with VCC=3.3V
ICC1
Standby Current: TTL
RAS, CAS ≥ VIH
5V
2mA
3.3V
2
ICC2
Standby Current: CMOS
RAS, CAS ≥ VCC
− 0.2V
5V
1mA
3.3V
0.5
ICC3
Operating Current:
RAS, CAS,
-50
120
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-60
110
Average Power Supply Current
ICC4
Operating Current:
RAS = VIL, CAS,
-50
90
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-60
80
Average Power Supply Current
ICC5
Refresh Current:
RAS, CAS Cycling
-50
120
mA
CBR(2,3,5)
tRC = tRC (min.)
-60
110
Average Power Supply Current
ICCS
Self Refresh current(6)
Self Refresh Mode
5V,nromal version
500
µA
5V, L version
350
3.3V, normal version
450
3.3, L version
350
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.
6. ICCS is for S version only.


Similar Part No. - IC41C44002A-60J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41C44002A-60J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com