Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS280PGLF Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # ICS280PGLF
Description  Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS280PGLF Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

  ICS280PGLF Datasheet HTML 1Page - Integrated Circuit Solution Inc ICS280PGLF Datasheet HTML 2Page - Integrated Circuit Solution Inc ICS280PGLF Datasheet HTML 3Page - Integrated Circuit Solution Inc ICS280PGLF Datasheet HTML 4Page - Integrated Circuit Solution Inc ICS280PGLF Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS280PGLF Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS280PGLF Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS280PGLF Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
MDS 280 C
7
Revision 062205
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS280
PRELIMINARY INFORMATION
Marking Diagrams
Marking Diagrams (Pb free)
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3. “I” denotes industrial temperature range (if applicable).
4. “L” denotes Pb (lead) free package.
5. Bottom marking: country of origin.
1
8
9
16
280PG
######
YYWW
1
8
9
16
280PGI
######
YYWW
1
8
9
16
280PGL
######
YYWW
1
8
9
16
280PGIL
######
YYWW


Similar Part No. - ICS280PGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS280 IDT-ICS280 Datasheet
110Kb / 9P
   TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
More results

Similar Description - ICS280PGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2761A ICST-MK2761A Datasheet
142Kb / 6P
   Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
logo
Maxim Integrated Produc...
21-0066 MAXIM-21-0066 Datasheet
42Kb / 1P
   PACKAGE OUTLINE, TSSOP 4.40MM BODY
Rev L
logo
Integrated Device Techn...
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
   16-pin TSSOP package
logo
Maxim Integrated Produc...
21-0108 MAXIM-21-0108 Datasheet
71Kb / 2P
   PACKAGE OUTLINE, TSSOP 4.4MM BODY, EXPOSED PAD
Rev K
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
   20-pin TSSOP package
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
   Package Outline Dimensions
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
   PACKAGE OUTLINE DIMENSIONS
logo
Galaxy Semi-Conductor H...
081029132636 BILIN-081029132636 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-523 BILIN-SOT-523 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com