Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74ALVC2G04 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD74ALVC2G04
Description  Low voltage and high speed operation is suitable for the battery powered products
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVC2G04 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74ALVC2G04 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74ALVC2G04
Rev.0, Jul. 2001, page 3 of 10
Pin Arrangement
(Top view)
8VCC
1
7
1
Y
6
3A
5
2
Y
1A
2
3
Y
3
2A
4
GND
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
V
CC
−0.5 to 4.6
V
Input voltage range
*1
V
I
−0.5 to 4.6
V
Output voltage range
*1, 2
V
O
−0.5 to V
CC+0.5
V
Output : H or L
−0.5 to 4.6
V
CC : OFF
Input clamp current
I
IK
−50
mA
V
I < 0
Output clamp current
I
OK
±50
mA
V
O < 0 or VO > VCC
Continuous output current
I
O
±50
mA
V
O = 0 to VCC
Continuous current through
V
CC or GND
I
CC or IGND
±100
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
P
T
200
mW
Storage temperature
Tstg
−65 to 150
°C
Notes:
The absolute maximum ratings are values which must not individually be exceeded, and
furthermore, no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
8XC528-bit CMOS low voltage low power and high speed microcontroller families 1 2 3 4 5 MoreNXP Semiconductors
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
LTE-5228ASPECIAL FOR HIGH CURENT AND LOW FORWARD VOLTAGE 1 2 3 Lite-On Technology Corporation
BBY51-07Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
HRB0103ASilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
BC856-BC860PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BBY51Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
HRB0103BSilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn