Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVC2G04 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74ALVC2G04
Description  Low voltage and high speed operation is suitable for the battery powered products
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVC2G04 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74ALVC2G04 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVC2G04 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74ALVC2G04
Rev.0, Jul. 2001, page 7 of 10
Operating Characteristics
(Ta = 25°C)
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
Test conditions
Power dissipation
C
PD
1.5
10.0
pF
f = 10 MHz
capacitance
1.8
10.0
2.5
11.0
3.3
12.0
Test Circuit
L
Note: C includes probe and jig capacitance.
V
= 1.8
±0.15 V
CC
R
1.0 k
2.0 k
500
L
C
30 pF
15 pF
30 pF
L
V
= 2.5
±0.2 V,
3.3
±0.3 V
CC
V
= 1.2 V,
1.5
±0.1 V
CC
Symbol
Pulse
Generator
out
Z
= 50
C
L
R
L
Input
Output
VCC


Similar Part No. - HD74ALVC2G04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G04 RENESAS-HD74ALVC2G04 Datasheet
88Kb / 10P
   Triple Inverter Buffers
HD74ALVC2G04 RENESAS-HD74ALVC2G04 Datasheet
113Kb / 12P
   Triple Inverter Buffers
HD74ALVC2G04 RENESAS-HD74ALVC2G04_15 Datasheet
113Kb / 12P
   Triple Inverter Buffers
More results

Similar Description - HD74ALVC2G04

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
AM505-200NI WALL-AM505-200NI Datasheet
148Kb / 2P
   Highly suitable for high speed pick and place machine operation
logo
IK Semicon Co., Ltd
IL34118 IKSEMICON-IL34118 Datasheet
965Kb / 14P
   Low Voltage Operation for Line-Powered Applications
logo
List of Unclassifed Man...
AD404M42VSA ETC-AD404M42VSA Datasheet
211Kb / 28P
   Low voltage operation is more suitable to be used on battery backup, portable electronic
logo
rfsolutions.ltd
SWITCHLINK RFSOLUTIONS-SWITCHLINK Datasheet
2Mb / 6P
   The battery powered light switch
logo
DIYI Electronic Technol...
BT152 DYELEC-BT152 Datasheet
1Mb / 3P
   The BT152 is suitable for motor control
logo
KEC(Korea Electronics)
KML0D4N20UL KEC-KML0D4N20UL Datasheet
784Kb / 4P
   It s mainly suitable for Load Switching Cell Phones, Battery Powered Systems and Level-Shifter
KML0D3P20UL KEC-KML0D3P20UL Datasheet
786Kb / 4P
   It s Mainly Suitable for Load Switching Cell Phones, Battery Powered Systems and Level-Shifter
logo
E-Tech Electronics LTD
GD751SD ETL-GD751SD Datasheet
138Kb / 2P
   The GD751SD is designed for high speed switching for detection and high reliability.
logo
NXP Semiconductors
68HC705RC16 NXP-68HC705RC16 Datasheet
1Mb / 120P
   The MC68HC705RC16 is a low-cost addition to the M68HC05 Family of microcontrollers (MCUs) and is suitable for remote control applications.
Rev. 3.0
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com