Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G8QN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. G8QN
Description  Sub-Miniature Automotive PCB Relay
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

G8QN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sub–Miniature Automotive PCB Relay
G8QN
Sub–Miniature Automotive PCB Relay
Compact size.
High performance PCB relay.
Fully sealed construction.
Next generation general purpose automotive
PCB relay.
Fully automated assembly.
Available Types
Type
Contact form
Recommended loads
Type
Contact form
Recommended loads
G8QN–1C4 12DC
SPDT
Motor, Resistive
Contact Data
Continuous carry current (max.)
5A
Inrush current (L/R=7ms; 15ms max.)
20A
Contact voltage drop (Initial value at 23
°C)
(max.)
100m
Ratings/Specifications
Rated voltage
12 VDC
Operating voltage (max.)
16 VDC
Coil resistance
210
Ω ± 10%
Pull in voltage
(ld t
t)
at +20
°C (max.)
7.3V DC
(cold start)
at +80
°C (max.)
9.0V DC
Drop–out voltage at +20
°C (min.)
0.9V DC
Continuous carry current flow time (16V at
80
°C) (max.)
15min.
Operate time (max.)
10 ms
Release time (max.)
5 ms
Operating ambient temperature
–40
°C to +85°C
Mechanical life (min.)
10,000,000 cycles (at frequency of 18,000 operations/hour)
Electrical life (resistive load) (min.)
100,000 cycles (14V; Continuous carry current)
Weight
5.5g


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn