Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7024 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN7024
Description  675mW CMOS Mono Power Amplifier with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7024 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN7024 Datasheet HTML 6Page - Fairchild Semiconductor FAN7024 Datasheet HTML 7Page - Fairchild Semiconductor FAN7024 Datasheet HTML 8Page - Fairchild Semiconductor FAN7024 Datasheet HTML 9Page - Fairchild Semiconductor FAN7024 Datasheet HTML 10Page - Fairchild Semiconductor FAN7024 Datasheet HTML 11Page - Fairchild Semiconductor FAN7024 Datasheet HTML 12Page - Fairchild Semiconductor FAN7024 Datasheet HTML 13Page - Fairchild Semiconductor FAN7024 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
FAN7024
10
Performance Characteristics (Continued)
Figure 25. Supply Current vs. Shutdown Voltage
Figure 26. Power Dissipation vs. Output Power
Figure 27. Output Power vs. Supply Voltage
Figure 28. Output Power vs. Supply Voltage
Figure 29. Output Power vs. Supply Voltage
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
f=1KHz
THD+N<1%
BW<80kHz
VDD=5V
R
L=8 Ω
R
L=16 Ω
R
L=32 Ω
Output Power (W)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
f=1KHz
THD+N<1%
BW<80kHz
VDD=5V
R
L=8 Ω
R
L=16 Ω
R
L=32 Ω
Output Power (W)
2.02.5
3.03.5
4.04.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
f=1KHz
RL=8 Ω
BW<80kHz
10% THD+N
1% THD+N
Supply Voltage(V)
2.02.5
3.03.5
4.04.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
f=1KHz
RL=8 Ω
BW<80kHz
10% THD+N
1% THD+N
Supply Voltage(V)
2.02.5
3.03.5
4.04.5
5.0
5.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
f=1KHz
RL=16 Ω
BW<80kHz
10% THD+N
1% THD+N
Supply Voltage(V)
2.02.5
3.03.5
4.04.5
5.0
5.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
f=1KHz
RL=16 Ω
BW<80kHz
10% THD+N
1% THD+N
Supply Voltage(V)
2.02.5
3.03.5
4.04.5
5.0
5.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
f=1KHz
RL=32 Ω
BW<80kHz
10% THD+N
1% THD+N
Supply Voltage(V)
2.02.5
3.03.5
4.04.5
5.0
5.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
f=1KHz
RL=32 Ω
BW<80kHz
10% THD+N
1% THD+N
Supply Voltage(V)
Figure 30. Power Derating Curve
0
1
234
5
0.0
0.5
1.0
1.5
2.0
2.5
Shutdown Voltage(V)
VDD=5V
Vin = 0V
Temp. = 25°C
0
1
234
5
0.0
0.5
1.0
1.5
2.0
2.5
Shutdown Voltage(V)
VDD=5V
Vin = 0V
Temp. = 25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
Power Dissipation [W]
8MSOP : 657mW ma x
10MLP(Single-La yer) : 753mW max
10MLP(Multi-La ye r) : 2.5W max


Similar Part No. - FAN7024

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7021 FAIRCHILD-FAN7021 Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7021M FAIRCHILD-FAN7021M Datasheet
85Kb / 10P
   CMOS Power Amplifier
FAN7023 FAIRCHILD-FAN7023 Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
FAN7023M FAIRCHILD-FAN7023M Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
FAN7023MPX FAIRCHILD-FAN7023MPX Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
More results

Similar Description - FAN7024

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
   3W mono audio power amplifier with shutdown mode
logo
SHOUDING Shouding Semic...
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
   3W Mono with Shutdown Mode Audio Power Amplifier
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
   3W Mono with Shutdown Mode Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
   Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
logo
Global Mixed-mode Techn...
G1445 GMT-G1445 Datasheet
477Kb / 1P
   2.6W Mono Audio Amplifier with Shutdown Mode
G1442 GMT-G1442 Datasheet
848Kb / 1P
   2.6W Mono Audio Amplifier with Shutdown Mode
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
logo
Fairchild Semiconductor
FAN7023 FAIRCHILD-FAN7023 Datasheet
353Kb / 12P
   1W CMOS Mono Power Amplifier
logo
Texas Instruments
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com