Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2700152 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2700152
Description  Tube, 45 mm long, Ø 25 mm, for direct tube mounting on the foldaway base
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700152 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2700152 Datasheet HTML 1Page - PHOENIX CONTACT 2700152 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/products/2700152
09/03/2014   Page 2 / 2
Mounting material - PSD-S ME T-P 45 - 2700152
Classifications
eCl@ss
eCl@ss 4.0
27143203
eCl@ss 4.1
27143203
eCl@ss 5.0
27371235
eCl@ss 5.1
27371235
eCl@ss 6.0
27371235
eCl@ss 7.0
27371235
eCl@ss 8.0
27371235
ETIM
ETIM 3.0
EC001155
ETIM 4.0
EC001155
ETIM 5.0
EC001155
UNSPSC
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404
UNSPSC 11
39121311
UNSPSC 12.01
39121311
UNSPSC 13.2
39121311
Drawings
Dimensioned drawing
45
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn