Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2700152 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2700152
Description  Tube, 45 mm long, Ø 25 mm, for direct tube mounting on the foldaway base
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2700152 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/2700152
09/03/2014   Page 1 / 2
Mounting material - PSD-S ME T-P 45 - 2700152
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Tube, 45 mm long, Ø 25 mm, for direct tube mounting on the foldaway base
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
20.0 GRM
Custom tariff number
85318095
Country of origin
Germany
Technical data
Dimensions
Diameter
25 mm
Height
45 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
General
Material
PE
Color
black
Weight
13 g
Mounting position
any
Mounting type
Tube mounting
Assembly instructions
for foldaway base


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn