Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA40QC04 Datasheet(PDF) 6 Page - Nihon Inter Electronics Corporation

Part # EA40QC04
Description  40 V, diode in 3-pin TO package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

EA40QC04 Datasheet(HTML) 6 Page - Nihon Inter Electronics Corporation

  EA40QC04 Datasheet HTML 1Page - Nihon Inter Electronics Corporation EA40QC04 Datasheet HTML 2Page - Nihon Inter Electronics Corporation EA40QC04 Datasheet HTML 3Page - Nihon Inter Electronics Corporation EA40QC04 Datasheet HTML 4Page - Nihon Inter Electronics Corporation EA40QC04 Datasheet HTML 5Page - Nihon Inter Electronics Corporation EA40QC04 Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SURGE CURRENT RATINGS
EA40QC04/EA40QC04-F
f=50Hz,Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
0
10
20
30
40
0.02s
I FSM
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
EA40QC04/EA40QC04-F (per Arm)
Tj=2 5° C,V m = 20m V RM S,f= 100 kHz ,Ty pica l V alue
0.5
1
2
5
10
20
50
REVERSE VOLTAGE (V)
20
50
100
200
500


Similar Part No. - EA40QC04

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
EA40QC04 KSS-EA40QC04 Datasheet
767Kb / 7P
   Schottky Barrier Diode
logo
Nihon Inter Electronics...
EA40QC04-F NIEC-EA40QC04-F Datasheet
53Kb / 6P
   Schottky Barrier Diode
logo
Kyocera Kinseki Corpota...
EA40QC04-F KSS-EA40QC04-F Datasheet
769Kb / 7P
   Schottky Barrier Diode
logo
National Instruments Co...
EA40QC04-F NI-EA40QC04-F Datasheet
144Kb / 1P
   SBD
EA40QC04-F_2015 NI-EA40QC04-F_2015 Datasheet
144Kb / 1P
   SBD
More results

Similar Description - EA40QC04

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
C10T40F NIEC-C10T40F Datasheet
50Kb / 4P
   400 V, diode in 3-pin TO package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3866-TR1G AVAGO-HSMP-3866-TR1G Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
logo
Siemens Semiconductor G...
SRD00111Z SIEMENS-SRD00111Z Datasheet
119Kb / 5P
   Silicon PIN Photodiode in TO-Package
SRD00231Z SIEMENS-SRD00231Z Datasheet
66Kb / 3P
   Ternary PIN Photodiode in TO-Package, Central Pin
logo
OptoDiode Corp
AXUV16ELG OPTODIODE-AXUV16ELG Datasheet
664Kb / 2P
   PHOTODIODE 16 ELEMENT 40 pin dual in-line package
logo
Texas Instruments
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM86325x 3-V to 17-V Input, 3-A Synchronous Buck Module in QFN Package
MARCH 2023
TPSM863252 TI-TPSM863252_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED SEPTEMBER 2023
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS563252 TI-TPS563252_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com