Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2782E+R Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2782E+R
Description  Stand-Alone Fuel Gauge IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2782E+R Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2782E+R Datasheet HTML 5Page - Maxim Integrated Products DS2782E+R Datasheet HTML 6Page - Maxim Integrated Products DS2782E+R Datasheet HTML 7Page - Maxim Integrated Products DS2782E+R Datasheet HTML 8Page - Maxim Integrated Products DS2782E+R Datasheet HTML 9Page - Maxim Integrated Products DS2782E+R Datasheet HTML 10Page - Maxim Integrated Products DS2782E+R Datasheet HTML 11Page - Maxim Integrated Products DS2782E+R Datasheet HTML 12Page - Maxim Integrated Products DS2782E+R Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DS2782: Stand-Alone Fuel Gauge IC
9 of 25
CURRENT MEASUREMENT
In the ACTIVE mode of operation, the DS2782 continually measures the current flow into and out of the battery by
measuring the voltage drop across a low-value current-sense resistor, RSNS. The voltage-sense range between
SNS and VSS is ±51.2mV. The input linearly converts peak signal amplitudes up to 102.4mV as long as the
continuous signal level (average over the conversion cycle period) does not exceed ±51.2mV. The ADC samples
the input differentially at 18.6kHz and updates the Current register at the completion of each conversion cycle.
The Current register is updated every 3.515s with the current conversion result in two’s complement form. Charge
currents above the maximum register value are reported at the maximum value (7FFFh = +51.2mV). Discharge
currents below the minimum register value are reported at the minimum value (8000h = -51.2mV).
Figure 6. Current Register Format
CURRENT
Read Only
MSB—Address 0Eh
LSB—Address 0Fh
S
2
14
2
13
2
12
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
MSb
LSb
“S”: sign bit(s)
Units:
1.5625
mV/Rsns
CURRENT RESOLUTION (1 LSB)
RSNS
VSS -
VSNS
20m
W
15m
W
10m
W
5m
W
1.5625
mV
78.13
mA
104.2
mA
156.3
mA
312.5
mA
AVERAGE CURRENT MEASUREMENT
The Average Current register reports an average current level over the preceding 28 seconds. The register value is
updated every 28s in two’s complement form, and is the average of the 8 preceding Current register updates. The
format of the Average Current register is shown in Figure 7. Charge currents above the maximum register value
are reported at the maximum value (7FFFh = +51.2mV). Discharge currents below the minimum register value are
reported at the minimum value (8000h = -51.2mV).
Figure 7. Average Current Register Format
IAVG
R/W
MSB—Address 08h
LSB—Address 09h
S
2
14
2
13
2
12
2
11
2
10
2
9
2
8
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
MSb
LSb
MSb
LSb
“S”: sign bit(s)
Units:
1.5625
mV/Rsns
CURRENT OFFSET CORRECTION
Every 1024th conversion, the ADC measures its input offset to facilitate offset correction. Offset correction occurs
approximately once per hour. The resulting correction factor is applied to the subsequent 1023 measurements.
During the offset correction conversion, the ADC does not measure the sense resistor signal. A maximum error of
1/1024 in the accumulated current register (ACR) is possible; however, to reduce the error, the current
measurement made just prior to the offset conversion is displayed in the current register and is substituted for the
dropped current measurement in the current accumulation process. This results in an accumulated current error
due to offset correction of less than 1/1024.


Similar Part No. - DS2782E+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2782E++ MAXIM-DS2782E+ Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
DS2782E+TR MAXIM-DS2782E+TR Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
More results

Similar Description - DS2782E+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2782 MAXIM-DS2782_09 Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
DS2786 MAXIM-DS2786_09 Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
MAX17201 MAXIM-MAX17201 Datasheet
4Mb / 115P
   Stand-Alone ModelGauge m5 Fuel Gauge
Rev 2; 8/16
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2786B MAXIM-DS2786B Datasheet
369Kb / 21P
   Stand-Alone OCV-Based Fuel Gauge
Rev 1; 4/10
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com