Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY26121ZI-11 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY26121ZI-11
Description  PacketClock Spread Spectrum Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY26121ZI-11 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY26121ZI-11 Datasheet HTML 1Page - Cypress Semiconductor CY26121ZI-11 Datasheet HTML 2Page - Cypress Semiconductor CY26121ZI-11 Datasheet HTML 3Page - Cypress Semiconductor CY26121ZI-11 Datasheet HTML 4Page - Cypress Semiconductor CY26121ZI-11 Datasheet HTML 5Page - Cypress Semiconductor CY26121ZI-11 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CY26121
Document #: 38-07350 Rev. **
Page 5 of 6
© Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Drawing and Dimensions
All product and company names mentioned in this document are the trademarks of their respective holders.
16-lead Thin Shrunk Small Outline Package (4.40 MM Body) Z16
51-85091-**
Parameter
Inches
Millimeters
Min.
Nom.
Max.
Min.
Nom.
Max.
A
––
0.047
––
1.20
A1
0.002
0.006
0.05
0.15
A2
0.031
0.039
0.041
0.80
1.00
1.05
B
0.007
0.012
0.19
0.30
C
0.004
0.008
0.09
0.20
D
0.193
0.197
0.201
4.90
5.00
5.10
E
0.169
0.173
0.177
4.30
4.40
4.50
e
0.026 BSC
0.65 BSC
H
0.244
0.252
0.260
6.20
6.40
6.60
L
0.018
0.024
0.030
0.45
0.60
0.75
a0°–
0°–


Similar Part No. - CY26121ZI-11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26121ZI-2 CYPRESS-CY26121ZI-2 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121ZI-21 CYPRESS-CY26121ZI-21 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121ZI-21T CYPRESS-CY26121ZI-21T Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121ZI-2T CYPRESS-CY26121ZI-2T Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
CY26121ZI-3 CYPRESS-CY26121ZI-3 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
More results

Similar Description - CY26121ZI-11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26121 CYPRESS-CY26121_08 Datasheet
234Kb / 7P
   PacketClock??Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com