Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC123JH-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDC123JH-7
Description  NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC123JH-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DDC123JH-7 Datasheet HTML 1Page - Diodes Incorporated DDC123JH-7 Datasheet HTML 2Page - Diodes Incorporated DDC123JH-7 Datasheet HTML 3Page - Diodes Incorporated DDC123JH-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30421 Rev. 1 - 2
4 of 4
DDC (xxxx) H
www.diodes.com
1
1
10
010
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Input Voltage vs. Collector Current
V = 0.2
O
-25°C
25°C
75
°C
0.01
0.1
1
10
100
01
2
3
4
89
10
V , INPUT VOLTAGE (V)
in
Fig. 5 Collector Current Vs. Input Voltage
75
°C
-25°C
5
67
25°C
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
R
Fig. 4 Output Capacitance
5
10
5
15
25
I= 0mA
E
10
1000
100
1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 DC Current Gain
V
= 10
CE
75
°C
-25
°C
25
°C
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 2 V
vs. I
CE(SAT)
C
I/I
= 10
CB
-25
°C
75
°C
25
°C
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Derating Curve
TYPICAL CURVES - DDC143EH


Similar Part No. - DDC123JH-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC123JH-7 DIODES-DDC123JH-7 Datasheet
88Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 3 - 2
DDC123JH-7 DIODES-DDC123JH-7 Datasheet
306Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 5 - 2 April 2015
More results

Similar Description - DDC123JH-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC122LH DIODES-DDC122LH_1 Datasheet
76Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 3 - 2
DDC124EH DIODES-DDC124EH_1 Datasheet
88Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 3 - 2
DDA124EH DIODES-DDA124EH Datasheet
83Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 1 - 2
DDA124EH DIODES-DDA124EH_1 Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX124EH DIODES-DCX124EH Datasheet
99Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX122LH DIODES-DCX122LH Datasheet
87Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 2 - 2
DDA122LH DIODES-DDA122LH Datasheet
77Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 3 - 2
DDTC113TUA DIODES-DDTC113TUA Datasheet
186Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30323 Rev. 2 - 1
DDCXXXXU DIODES-DDCXXXXU Datasheet
67Kb / 2P
   NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 1 - 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com