Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR8051 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DR8051
Description  High Performance Configurable 8-bit Microcontroller ver 3.01
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DR8051 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DR8051 Datasheet HTML 1Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 2Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 3Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 4Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 5Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 6Page - List of Unclassifed Manufacturers DR8051 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
High Performance Configurable
8-bit Microcontroller
ver 3.01
OVERVIEW
DR8051CPU is a high performance, area
optimized
soft core of a single-chip 8-bit em-
bedded controller dedicated for operation with
fast
(typically on-chip) and slow (off-chip)
memories
. The core has been designed with a
special concern about low power consump-
tion
. Additionally an advanced power man-
agement unit makes DR8051CPU core perfect
for portable equipment
where low power
consumption is mandatory.
DR8051CPU soft core is 100% binary-
compatible with the industry standard 8051 8-
bit microcontroller. There are two configura-
tions of DR8051CPU: Harward where external
data and program buses are separated, and
von Neumann
with common program and ex-
ternal data bus. DR8051CPU has RISC archi-
tecture 6.7 times faster compared to standard
architecture and executes 65-200 million in-
structions
per second. This performance can
also be exploited to great advantage in low
power
applications where the core can be
clocked up to seven times more slowly than
the original implementation for no performance
penalty.
DR8051CPU is delivered with fully auto-
mated testbench
and complete set of tests
allowing easy package validation at each stage
of SoC design flow.
CPU FE A T UR ES
100% software compatible with industry
standard 8051
RISC architecture enables to execute in-
structions 6.7 times faster compared to
standard 8051
12 times faster multiplication
9.6 times faster division
Up to 256 bytes of internal (on-chip) Data
Memory
Up to 64K bytes of Program Memory
Up to 16M bytes of external (off-chip) Data
Memory
User programmable Program Memory Wait
States solution for wide range of memories
speed
User programmable External Data Memory
Wait States solution for wide range of
memories speed
De-multiplexed Address/Data bus to allow
easy connection to memory
Interface for additional Special Function
Registers
Fully synthesizable, static synchronous de-
sign with positive edge clocking and no in-
ternal tri-states


Similar Part No. - DR8051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR8051 ETC-DR8051 Datasheet
70Kb / 4P
   8-bit RISC Microcontroller ver 2.00
logo
Digital Core Design
DR8051 DCD-DR8051 Datasheet
112Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR8051CPU DCD-DR8051CPU Datasheet
106Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DR8051XP DCD-DR8051XP Datasheet
129Kb / 11P
   High Performance Configurable 8-bit Microcontroller ver 3.10
More results

Similar Description - DR8051

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DR8051XP DCD-DR8051XP Datasheet
129Kb / 11P
   High Performance Configurable 8-bit Microcontroller ver 3.10
DR80390XP DCD-DR80390XP Datasheet
134Kb / 11P
   High Performance Configurable 8-bit Microcontroller ver 3.10
DR8051 DCD-DR8051 Datasheet
112Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR80390 DCD-DR80390_1 Datasheet
116Kb / 8P
   High Performance 8-bit Microcontroller ver 3.10
DR8051CPU DCD-DR8051CPU Datasheet
106Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DR80390CPU DCD-DR80390CPU Datasheet
110Kb / 7P
   High Performance 8-bit Microcontroller ver 3.10
DP80390XP DCD-DP80390XP_03 Datasheet
151Kb / 12P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051 DCD-DP8051_03 Datasheet
132Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com