Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM7445N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM7445N
Description  DM5445/DM7445 BCD to Decimal Decoders/Drivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM7445N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM7445N Datasheet HTML 1Page - National Semiconductor (TI) DM7445N Datasheet HTML 2Page - National Semiconductor (TI) DM7445N Datasheet HTML 3Page - National Semiconductor (TI) DM7445N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Output Voltage
30V
Operating Free Air Temperature Range
DM54
b
55 Cto a125 C
DM74
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM5445
DM7445
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
VOH
High Level Output Voltage
30
30
V
IOL
Low Level Output Current
20
20
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
ICEX
High Level Output
VCC e Min VO e 30V
250
m
A
Current
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
02
04
Voltage
VIH e Min VIL e Max
V
IOL e 80 mA
05
09
VCC e Min
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
16
mA
ICC
Supply Current
VCC e Max
DM54
43
62
mA
(Note 2)
DM74
43
70
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL e 15 pF
495
ns
Low to High Level Output
RL e 100X
tPHL
Propagation Delay Time
495
ns
High to Low Level Output
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
ICC is measured with all inputs grounded and all outputs open
2


Similar Part No. - DM7445N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7445 FAIRCHILD-DM7445 Datasheet
41Kb / 4P
   BCD to Decimal Decoders/Drivers
More results

Similar Description - DM7445N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5445 TI1-SN5445_14 Datasheet
314Kb / 8P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
Fairchild Semiconductor
DM74145 FAIRCHILD-DM74145 Datasheet
40Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN74LS445 TI-SN74LS445 Datasheet
126Kb / 3P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
List of Unclassifed Man...
DN74LS445S ETC1-DN74LS445S Datasheet
283Kb / 3P
   BCD to Decimal Decoders/Drivers
logo
Fairchild Semiconductor
DM7445 FAIRCHILD-DM7445 Datasheet
41Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN54145 TI-SN54145_07 Datasheet
930Kb / 23P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
National Semiconductor ...
DM54145 NSC-DM54145 Datasheet
124Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN5445 TI-SN5445 Datasheet
153Kb / 4P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
SN54145 TI-SN54145 Datasheet
204Kb / 5P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
SN54145 TI1-SN54145_15 Datasheet
1Mb / 16P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com