Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY28329 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part No. CY28329
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28329 Datasheet(HTML) 3 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 3 of 17
Function Table[1]
S2
S1
CPU
(MHz)
3V66[0:1](
MHz)
66BUFF[0:2]/
3V66[2:4]
(MHz)
66IN/3V66_5
(MHz)
PCI_F/PCI
(MHz)
REF0(MHz)
USB/DOT
(MHz)
Notes
1
0
100 MHz
66 MHz
66IN
66-MHz Input
66IN/2
14.318 MHz
48 MHz
2, 3, 4
1
1
133 MHz
66 MHz
66IN
66-MHz Input
66IN/2
14.318 MHz
48 MHz
2, 3, 4
0
0
100 MHz
66 MHz
66 MHz
66-MHz Input
33 MHz
14.318 MHz
48 MHz
2, 3, 4
0
1
133 MHz
66 MHz
66 MHz
66-MHz Input
33 MHz
14.318 MHz
48 MHz
2, 3, 4
Mid
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
5, 6
Mid
1
TCLK/2
TCLK/4
TCLK/4
TCLK/4
TCLK/8
TCLK
TCLK/2
1, 6
Swing Select Functions
Mult0
Board Target
Trace/Term Z
Reference R, IREF =
VDD/(3*Rr)
Output
Current
VOH @ Z,
0
50 ohm
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4*Iref
1.0V @ 50
1
50 ohm
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6*Iref
0.7V @ 50
Clock Driver Impedances
Buffer Name
VDD Range
Buffer Type
Impedance
Min.
(Ohm)
Typ.
(Ohm)
Max.
(Ohm)
CPU, CPU#
Type X1
50
REF
3.135–3.465
Type 3
20
40
60
PCI, 3V66, 66BUFF
3.135–3.465
Type 5
12
30
55
USB
3.135–3.465
Type 3A
12
30
55
DOT
3.135–3.465
Type 3B
12
30
55
Clock Enable Configuration
PD#
PCI_STOP#
CPU
CPU#
3V66
66BUFF
PCI_F
PCI
USB/DOT
VCOS/OSC
0
X
IREF*2
FLOAT
LOW
LOW
LOW
LOW
LOW
OFF
1
0
ON
ON
ON
ON
ON
OFF
ON
ON
1
1
ON
ON
ON
ON
ON
ON
ON
ON
Notes:
1. TCLK is a test clock driven in on the XTALIN input in test mode.
2. “Normal” mode of operation.
3. Range of reference frequency allowed is min. = 14.316 nominal = 14.31818 MHz, max. = 14.32 MHz.
4. Frequency accuracy of 48 MHz must be +167 PPM to match USB default.
5. Required for board level “bed of nails” testing.
6. Mid is defined a Voltage level between 1.0V and 1.8V for 3 level input functionality. Low is below 0.8V. High is above 2.0V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL
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
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn