Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28329 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part No. CY28329
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28329 Datasheet(HTML) 17 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 17 of 17
Document History Page
Document Title: CY28329 133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Document Number: 38-07040
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
115133
04/26/02
DSG
Changed from Spec number: 38-01147 to 38-07040
Preliminary to Final
*A
122733
12/14/02
RBI
Added power-up requirements to operating conditions information.
*B
127128
06/13/03
RGL
Added t10 timing AC specification.
Added Notes 10 and 11. Added VDD to POR diagram.
Added pull-up resistor to PD# in Layout example.Verified I2C default values
Added “Use an external 1.0 to 4.7K
Ω pull-up resistor” to Pin 25 description.
*C
127899
06/26/03
DMG
Changed Pin 25 description to “Use an external 1.0 K
Ω pull-up resistor”.
*D
128179
06/27/03
LJN
Updated Document History Page to reflect *C changes.
*E
310457
See ECN
RGL
Added Lead-free devices


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn