Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28329 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part No. CY28329
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28329 Datasheet(HTML) 1 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
133-MHz Spread Spectrum Clock Synthesizer/Driver
with Differential CPU Outputs
CY28329
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07040 Rev. *E
Revised January 19, 2005
Features
• Multiple output clocks at different frequencies
— Four pairs of differential CPU outputs, up to 133 MHz
— Ten synchronous PCI clocks, three free-running
— Six 3V66 clocks
— Two 48-MHz clocks
— One reference clock at 14.318 MHz
— One VCH clock
• Spread Spectrum clocking (down spread)
• Power-down features (PCI_STOP#, PD#)
• Three Select inputs (Mode select & IC Frequency
Select)
• OE and Test Mode support
• 56-pin SSOP package and 56-pin TSSOP package
Benefits
• Motherboard clock generator
— Support Multiple CPUs and a chipset
— Support for PCI slots and chipset
— Supports AGP and Hub Link
— Supports USB host controller and graphic controller
— Supports ISA slots and I/O chip
• Enables reduction of EMI and overall system cost
• Enables ACPI compliant designs
• Supports up to four CPU clock frequencies
• Enables ATE and “bed of nails” testing
• Widely available, standard package enables lower cost
Logic Block Diagram
SSOP and TSSOP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
36
35
VDD_REF
34
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
XTAL_IN
XTAL_OUT
GND_REF
25
26
27
28
49
52
51
50
53
56
55
54
PCI0
PCI5
66BUFF2/3V66_4
GND_3V66
PCI_STOP#
S2
GND_CPU
CPU3#
PCI_F2
GND_PCI
GND_3V66
VDD_CORE
VDD_ 48 MHz
MULT0
VDD_CPU
REF
PCI_F0
PCI_F1
VDD_PCI
GND_PCI
PCI1
PCI2
PCI3
VDD_PCI
PCI4
PCI6
VDD_3V66
66BUFF0/3V66_2
66BUFF1/3V66_3
66IN/3V66_5
PD#
3V66_0
VDD_3V66
3V66_1/VCH
GND_ 48 MHz
DOT
USB
GND_IREF
IREF
CPU2#
CPU2
VDD_CPU
CPU1#
CPU1
CPU0#
CPU0
CPU3
S1
GND_CORE
VTTPWRGD#
SCLK
SDATA
Pin Configurations
VDD_REF
CPU[0:3]
CPU[0:3]#
PCI_F[0:2]
XTAL
PLL Ref Freq
X2
X1
REF
VDD_PCI
USB (48MHz)
VCH_CLK/ 3V66_1
OSC
VDD_CPU
SCLK
PCI0:6
PCI_STOP#
Stop
Clock
Control
PLL 1
SMBus
Logic
DOT (48MHz)
PD#
S1:2
VDD_48MHz
SDATA
VDD_3V66
3V66_0
3V66_[2:]4/
Divider
Network
3V66_5/ 66IN
PWR
PWR
PWR
PWR
PWR
PLL 2
PWR
66BUFF0:2
Gate
VTTPWRGD#
/2
Mult0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL
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
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn