Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0740266110 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0740266110
Description  VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 7.50mm Blade 1, 7.50mm Blade 2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0740266110 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0740266110_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0740266110_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-200
Sales Drawing
SD-74026-001
This document was generated on 10/08/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0740266110_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0740266110 MOLEX8-0740266110 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle,6-Row, 2 Blade Power Module, 1 Circuit
More results

Similar Description - 0740266110_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0740266410 MOLEX1-0740266410_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows, 2 Blade Power Module, 1 Circuit, Mating Blade Length: 12.00mm Blade 1, 7.50mm Blade 2
0740268114 MOLEX1-0740268114_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 8 Rows, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm Blade 1, 7.50mm Blade 2, 12.00mm Blade 3
0740266430 MOLEX1-0740266430_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 12.00mm Blade 1, 10.50mm Blade 2
0740266320 MOLEX1-0740266320_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 10.50mm Blade 1, 9.00mm Blade 2
0740266220 MOLEX1-0740266220_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows, 2 Blade Power Module, 1 Circuit, Mating Blade Length: 9.00mm Blade 1, 9.00mm Blade 2
0740266240 MOLEX1-0740266240_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 9.00mm Blade 1, 12.00mm Blade 2
0740266330 MOLEX1-0740266330_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 10.50mm Blade 1, 10.50mm Blade 2
0740266420 MOLEX1-0740266420_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows 2 Blade Power Module, 1 Circuit, Mating Blade Length: 12.00mm Blade 1, 9.00mm Blade 2
0740268222 MOLEX1-0740268222_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 8 Rows, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 9.00mm Blade 1, 9.00mm Blade 2, 9.00mm Blade 3
0740268343 MOLEX1-0740268343_18 Datasheet
35Kb / 2P
   VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 8 Rows,3 Blade Power Module, 3 Circuits, Mating Blade Length: 10.50mm Blade 1, 12.00mm Blade 2, 10.50mm Blade 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com