Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE956 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE956
Description  Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE956 Datasheet(HTML) 2 Page - NTE Electronics

  NTE956 Datasheet HTML 1Page - NTE Electronics NTE956 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (0
° ≤ TJ ≤ +125°C, VIN–VOUT = 5V, IO = 500mA, IMAX = 1.5A, Note 1
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Line Regulation
Regline
TA = +25°C, 3V ≤ (VIN–VOUT) ≤ 40V, Note 2
0.01
0.04
%/V
3V
≤ (VIN–VOUT) ≤ 40V
0.02
0.07
%/V
Load Regulation
Regload
TA = +25°C,
VOUT ≤ 5V
5
25
mV
10mA
≤ IO ≤ 1MAX,
Note 2
VOUT ≥ 5V
0.1
0.5
%
10mA
≤ IO ≤ 1MAX, Note 2
VOUT ≤ 5V
20
70
mV
VOUT ≥ 5V
0.3
1.5
%
Thermal Regulation
TA = +25°C, 20ms Pulse
0.04
0.07
%/W
Adjustment Pin Current
IAdj
50
100
µA
Adjustment Pin Current
Change
∆IAdj
10mA
≤ IL ≤ IMAX, 2.5V ≤ (VIN–VOUT) ≤ 40V
0.2
5.0
µA
Reference Voltage
Vref
3V
≤ (VIN–VOUT) ≤ 40V, 10mA ≤ IO ≤ 1MAX,
P
≤ PMAX
1.20
1.25
1.30
V
Temperature Stability
TS
0
° ≤ TJ ≤ +125°C
1
%
Minimum Load Current
ILmin
(VIN–VOUT) ≤ 40V
3.5
10
mA
Maximum Output Current
Imax
VIN–VOUT ≤ 15V
1.5
2.2
A
Limit
VIN–VOUT = 40V
0.4
A
RMS Output Noise,
% of VOUT
N
TA = +25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Ripple Rejection Ratio
RR
VOUT = 10V, f = 120Hz
65
dB
CADJ = 10µF
66
80
dB
Long Term Stability
S
TA = +125°C, 1000 Hours
0.3
1.0
%
Note 1. Although power dissipation is internally limited, these specifications are applicable for power
dissipations of 20W.
Note 2. Regulation is measured at constant junction temperature, using pulse testing with a low duty
cycle. Changes in output voltage due to heating effects are covered under the specification
for thermal regulation.
.500
(12.7)
Min
.420 (10.67)
Max
.500
(12.7)
Max
.250
(6.35)
Max
.147 (3.75)
Dia Max
.070 (1.78)
Max
.100 (2.54)
Adj
VOUT/Tab
VIN
.110 (2.79)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn