Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TH71072 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part No. TH71072
Description  315/433MHz ASK Transmitter / LO Source
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71072 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH71072 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 9Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 10Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TH71072
315/433MHz
ASK Transmitter / LO Source
3901071072
Page 8 of 10
Data Sheet
Rev. 004
Dec. 2001
Spectrum Plots
All plots depict TH71072‘s typical performance at Vcc = 3.0 V and Ta = 23 °C,
derived with the test circuit shown in Fig. 2.
Fig. 3: Output spectrum with unmodulated carrier and harmonics
Fig. 4: Output spectrum with unmodulated carrier, clock spurs and PLL reference spurs
Fig. 5: Output spectrum with ASK modulation at 20 kbit/s NRZ


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn