Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TH71072 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part No. TH71072
Description  315/433MHz ASK Transmitter / LO Source
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71072 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH71072 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TH71072
315/433MHz
ASK Transmitter / LO Source
3901071072
Page 5 of 10
Data Sheet
Rev. 004
Dec. 2001
Technical Data
Absolute Maximum Ratings
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
Vcc
-0.3
7.0
V
Input voltage
Vin
ENTX pin
-0.3
VCC+0.3
V
Input current
Iin
ENTX pin
-1.0
1.0
mA
Storage temperature
TSTG
-40
150
°C
Electrostatic discharge
VESD
human body model,
MIL STD 833D
method 3015.7
-1.0
+1.0
kV
Normal Operating Conditions
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
Vcc
2.2
5.5
V
Operating temperature
Ta
-40
85
°C
XOSC frequency
fref
set by the crystal
9.69
14
MHz
VCO frequency
fc
fc = 32
• f
ref
310
450
MHz
Clock frequency
fclk
fclk = fref / 4
2.42
3.50
MHz
DC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at Ta = 23 °C and Vcc = 3 V
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Standby current
ISBY
ENTX=0
0.05
0.1
µA
Operating current
Icc
ENTX=1, VPS=1.1V
7
9
10
mA
Input HIGH voltage
VHIGH
ENTX pin
0.7*Vcc
Vcc+0.3
V
Input LOW voltage
VLOW
ENTX pin
-0.3
0.3*Vcc
V
Input current
Iin
ENTX=0
-1
1
µA
Pull down current
Ipd
ENTX=1
2
8
15
µA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn